Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6962 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor GL6962 Datasheet HTML 10Page - Hynix Semiconductor GL6962 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
GL6962/GL6962A
7
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Vo(RMS)
Output voltage(RMS value)
THD = 2 %
sinewave drive ;
R4 = 100k¥ Ø
Iline = 15mA ; Ip = 0mA ;
RL = 150 ¥ Ø
RL= 150 ¥ Ø
0.22
0.3
0.33
0.48
-
-
V
V
Vo(RMS)
Output voltage(RMS value)
THD = 10% ;
R4 = 100 k¥ Ø;
RL = 150 ¥ Ø
Iline = 4mA
-
15
-
mV
Vno(RMS)
Noise output voltage
(RMS value)
Iline = 15mA ;
R4 =100 k¥ Ø;
IR open-circuit
psophometrically weighted
RL =300 ¥ Ø
-
50
-
•V
Gain adjustment input RGA (pin 5)
¥ Ä
Gv
Receiving amplifier gain Variation by
adjustment of R4 between RGA and QR
-11
-
0
dB
MUTE input (pin 12)
VIH
HIGH level input voltage
1.5
-
VCC
V
VIL
LOW level input voltage
-
-
0.3
V
IMUTE
Input current
-
8
15
µA
Reduction of gain
Gv
Voltage gain from DTMF to QR
GL6962
GL6962A
R4 =100 k¥ Ø;
RL = 300 ¥ Ø
MUTE = HIGH
MUTE = LOW
-
-
-19
-19
-
-
dB
dB
Automatic gain control input AGC (pin 15)
¥ Ä
Gv
Controlling the gain from IR to QR and the
gain from MIC+, MIC- to LN
Gain control range
R6 =100 K¥ ø
(between AGC and VEE)
Iline = 70mA
-
-5.8
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com