Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6962 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL6962 Datasheet HTML 1Page - Hynix Semiconductor GL6962 Datasheet HTML 2Page - Hynix Semiconductor GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GL6962/GL6962A
4
Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNIT
VLN
Positive continuous line voltage
-
12
V
Iline
Line Current
R9 = 20
; Note1
GL6962 ; GL6962A
-
140
mA
Vi
Input voltage on all other pins
Positive input voltage
Negative input voltage
-
-
VCC+0.7
-0.7
V
V
Ptot
Total power dissipation
R9 = 20
; Note2
GL6962 ; GL6962A
-
666
mW
Tamb
Operating ambient temperature
-25
+75
¡ É
Tstg
Storage temperature
-40
+125
¡ É
Maximum Ratings are those values beyond which damage to the device may occur.
Functional Operation should be restricted to the limits in the Electrical Characteristics tables or
pin Descriptions section
Notes to the Absolute Maximum Ratings
1.
Mostly dependent on the maximum required Tamb and on the voltage between LN and SLPE.
2.
Calculated for the maximum ambient temperature specified Tamb = 75¡ Éand maximum
junction temperature of 125¡ É
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com