Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6962 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GL6962 Datasheet HTML 2Page - Hynix Semiconductor GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor GL6962 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GL6962/GL6962A
6
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
DTMF input (pin 11)
| Zi |
Input impedance
-
22
-
k§ Ù
GV
Voltage gain from DTMF to LN
Iline = 15mA
R7 = 68k§ Ù
24.0
25.5
27.0
dB
¥ Ä
Gvf
Gain variation with frequency referred to 800
Hz
f = 300 and 3400
Hz
-
¡ ¾
0.2
-
dB
Gain adjustment input TGA1 and TGA2 (pin 2 and 3)
¥ Ä
Gv
Transmitting amplifier gain variation by
adjustment of R7 between TGA1 and TGA2
-8
-
0
dB
Sending adjustment output LN (pin 1)
VLN(RMS)
Output voltage (RMS value)
THD = 10%
Iline = 4mA
Iline = 15mA
-
1.7
0.8
2.3
-
-
V
V
Vno(RMS)
Noise output voltage
(RMS value)
Iline = 15mA
R7 = 68 k§ Ù
200
§ Ù between
MIC-
and MIC+;
psophometrically
weighted
-
-69
-
dBmp
Receiving amplifier input IR (pin 10)
| Zi |
Input impedance
-
22
-
k§ Ù
Receiving amplifier output QR (pin 4)
| Zo |
Output impedance
-
4
-
¥ Ø
GV
Voltage gain from IR to QR
Iline = 15mA
RL =300 ¥ Ø
(from
pin
9
to
pin4)
29.5
31.0
32.5
dB
¥ Ä
Gvf
Gain variation with frequency referred to
800Hz
f = 300 and 3400
Hz
-
¡ ¾
0.2
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com