Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS30004 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 40Page - Hynix Semiconductor GMS30004 Datasheet HTML 41Page - Hynix Semiconductor GMS30004 Datasheet HTML 42Page - Hynix Semiconductor GMS30004 Datasheet HTML 43Page - Hynix Semiconductor GMS30004 Datasheet HTML 44Page - Hynix Semiconductor GMS30004 Datasheet HTML 45Page - Hynix Semiconductor GMS30004 Datasheet HTML 46Page - Hynix Semiconductor GMS30004 Datasheet HTML 47Page - Hynix Semiconductor GMS30004 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
3 - 17
(36) LAK
Naming :
Load Accumulator from K
Status :
Set
Format :
é
Function :
A
à K
<Comment>
Data on K are transferred to the accumulator
(37) LAR
Naming :
Load Accumulator from R
Status :
Set
Format :
é
Function :
A
à R
<Comment>
Data on R are transferred to the accumulator
(38) SO
Naming :
Set Output Register Latch
Status :
Set
Format :
é
Function :
D(Y)
à 10 õ Y õ 7
REMOUT
à 1(PMR=5)
Y = 8
D0~D9
à 1 (High-Z)
Y = 9
R(Y)
à 1Ah õ Y õ Dh
R
à 1Y = Eh
D0~D9, R
à 1
Y = Fh
<Purpose>
A single D output line is set to logic 1, if data of Y-register is
between 0 to 7.
Carrier frequency come out from REMOUT port, if data of
Y-register is 8.
All D output line is set to logic 1, if data of Y-register is 9.
It is no operation, if data of Y-register between 10 to 15.
When Y is between Ah and Dh, one of R output lines is set at
logic 1.
When Y is Eh, the output of R is set at logic 1.
When Y is Fh, the output D0~D9 and R are set at logic 1.
<Comment>
Data of Y-register is between 0 to 7, selects appropriate D
output.
Data of Y-register is 8, selects REMOUT port.
Data of Y-register is 9, selects all D port.
Data in Y-register, when between Ah and Dh, selects an
appropriate R output (R0~R3).
Data in Y-register, when it is Eh, selects all of R0~R3.
Data in Y-register, when it is Fh, selects all of D0~D9 and
R0~R3.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com