Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS30004 Datasheet(PDF) 59 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 59 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 55Page - Hynix Semiconductor GMS30004 Datasheet HTML 56Page - Hynix Semiconductor GMS30004 Datasheet HTML 57Page - Hynix Semiconductor GMS30004 Datasheet HTML 58Page - Hynix Semiconductor GMS30004 Datasheet HTML 59Page - Hynix Semiconductor GMS30004 Datasheet HTML 60Page - Hynix Semiconductor GMS30004 Datasheet HTML 61Page - Hynix Semiconductor GMS30004 Datasheet HTML 62Page - Hynix Semiconductor GMS30004 Datasheet HTML 63Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 158 page
background image
5 - 5
3.4 Register Window
Display each register value inside micom, I/O port value and machine cycle
altogether. When trace command is executed by function key [F8], the
register value after the previous command before the current program counter
is executed is displayed. All kinds of register and I/O ports displayed in
register window are as follows.
PC
: Program counter
2digit
6bit
[Hexa]
ACC
: Accumulator
1digit
4bit
[Hexa]
PA
: Page address
1digit
4bit
[Hexa]
PB
: Page buffer
1digit
4bit
[Hexa]
X
: X register
1digit
1 or 2
[Hexa]
Y
: Y register
1digit
4bit
[Hexa]
ST
: Status register
1digit
1bit
[Binary]
PMR
: Pulse mode register
1digit
[Hexa]
WDT
: Watch dog timer
1digit
14bit
{Hexa]
SP
: Stack pointer level
1digit
SR0
: Stack level 0
4digit
SR1
: Stack level 1
4digit
SR2
: Stack level 2
4digit
OUT
: Remocon out output
[Binary]
K
: K port input register
4bit
[Binary]
Rin
: R port input register
[Binary]
Rout
: R port output register
[Binary]
D
: output port
6or8 10bit
[Binary]
Machine Cycle :
The number of command execution is displayed in decimal.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com