Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS30004 Datasheet(PDF) 69 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 69 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 65Page - Hynix Semiconductor GMS30004 Datasheet HTML 66Page - Hynix Semiconductor GMS30004 Datasheet HTML 67Page - Hynix Semiconductor GMS30004 Datasheet HTML 68Page - Hynix Semiconductor GMS30004 Datasheet HTML 69Page - Hynix Semiconductor GMS30004 Datasheet HTML 70Page - Hynix Semiconductor GMS30004 Datasheet HTML 71Page - Hynix Semiconductor GMS30004 Datasheet HTML 72Page - Hynix Semiconductor GMS30004 Datasheet HTML 73Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 158 page
background image
5 - 15
6. Simulator Commands
6.1 Command Syntax
1) A (Assemble)
To assemble what is commanded for every line from the specified
<address> and write in the memory.
2) BAT (Batch)
To execute what is commanded in the command file in a batch.
When there is a format error, command error is issued and execution is
stopped at the error point.
3) BP (Break Point set), BL (Break point List)
To set break point.
To display the set break Point.
4) BS (Break point set step)
To set break point with No. of steps.
5) BC (Break point Clear)
To clear the specified No. break point.
6) CR (CPU Reset)
To reset the simulator to the initial state.
7) DPP (Dump Program memory)
To display the content of the memory in the area of the No. of pages
specified with <In> from the specified <address> in hexadecimal. The
address here is polynomial.
8) DPS (Dump Program memory)
To display the content of the memory in the area of the No. of pages
specified with <In> from the specified <address> in hexadecimal.
9) DD (Dump Data memory)
To display all the data in Data Memory in hexadecimal.
10) EPP (Exchange Program memory)
To display and modify the specified data in the program memory.
Address here is polynomial.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com