Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D844 Datasheet(PDF) 4 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 4 Page - Analog Devices

  D844 Datasheet HTML 1Page - Analog Devices D844 Datasheet HTML 2Page - Analog Devices D844 Datasheet HTML 3Page - Analog Devices D844 Datasheet HTML 4Page - Analog Devices D844 Datasheet HTML 5Page - Analog Devices D844 Datasheet HTML 6Page - Analog Devices D844 Datasheet HTML 7Page - Analog Devices D844 Datasheet HTML 8Page - Analog Devices D844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD844
Rev. F | Page 4 of 20
AD844J/AD844A
AD844B
AD844S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Small Signal Bandwidth3, 4
Gain = −1
60
60
60
MHz
Gain = −10
33
33
33
MHz
TOTAL HARMONIC DISTORTION
f = 100 kHz,
2 V rms5
0.005
0.005
0.005
%
SETTLING TIME
10 V Output Step
±15 V supplies
Gain = −1, to 0.1%5
100
100
100
ns
Gain = −10, to 0.1%6
100
100
100
ns
2 V Output Step
±5 V supplies
Gain = −1, to 0.1%5
110
110
110
ns
Gain = −10, to 0.1%6
100
100
100
ns
OUTPUT SLEW RATE
Overdriven
input
1200
2000
1200
2000
1200
2000
V/μs
FULL POWER BANDWIDTH
THD = 3%
VOUT = 20 V p-p5
VS = ±15 V
20
20
20
MHz
VOUT = 2 V p-p5
VS = ±5 V
20
20
20
MHz
OUTPUT CHARACTERISTICS
Voltage
RL = 500 Ω
±10
±11
±10
±11
±10
±11
V
Short-Circuit Current
80
80
80
mA
TMIN to T MAX
60
60
60
mA
Output Resistance
Open loop
15
15
15
Ω
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
±4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN to TMAX
7.5
8.5
7.5
8.5
7.5
8.5
mA
1 Rated performance after a 5 minute warm-up at TA = 25°C.
2 Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. RL = 100 Ω; R1, R2 = 300 Ω.
3 For gain = −1, input signal = 0 dBm, CL = 10 pF, RL = 500 Ω, R1 = 500 Ω, and R2 = 500 Ω in
.
Figure 29
Figure 29
Figure 29
Figure 29.
4 For gain = −10, input signal = 0 dBm, CL =10 pF, RL = 500 Ω, R1 = 500 Ω, and R2 = 50 Ω in
.
5 CL = 10 pF, RL = 500 Ω, R1 = 1 kΩ, R2 = 1 kΩ in
.
6 CL = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com