Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D844 Datasheet(PDF) 5 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 5 Page - Analog Devices

  D844 Datasheet HTML 1Page - Analog Devices D844 Datasheet HTML 2Page - Analog Devices D844 Datasheet HTML 3Page - Analog Devices D844 Datasheet HTML 4Page - Analog Devices D844 Datasheet HTML 5Page - Analog Devices D844 Datasheet HTML 6Page - Analog Devices D844 Datasheet HTML 7Page - Analog Devices D844 Datasheet HTML 8Page - Analog Devices D844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD844
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage
±18 V
Power Dissipation1
1.1 W
Output Short-Circuit Duration
Indefinite
Input Common-Mode Voltage
±VS
Differential Input Voltage
6 V
Inverting Input Current
Continuous
5 mA
Transient
10 mA
Storage Temperature Range (Q)
−65
°C to +150°C
Storage Temperature Range (N, RW)
−65
°C to +125°C
Lead Temperature (Soldering, 60 sec)
300
°C
ESD Rating
1000 V
1 28-lead PDIP package: θJA = 90°C/W.
8-lead CERDIP package: θJA = 110°C/W.
16-lead SOIC package: θJA = 100°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
METALLIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (millimeters).
–IN
NULL
NULL
+VS
0.076
(1.9)
+IN
–VS
SUBSTRATE CONNECTED TO +VS
TZ
OUTPUT
0.095
(2.4)
Figure 3. Die Photograph
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com