Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D844 Datasheet(PDF) 8 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 8 Page - Analog Devices

Back Button D844 Datasheet HTML 4Page - Analog Devices D844 Datasheet HTML 5Page - Analog Devices D844 Datasheet HTML 6Page - Analog Devices D844 Datasheet HTML 7Page - Analog Devices D844 Datasheet HTML 8Page - Analog Devices D844 Datasheet HTML 9Page - Analog Devices D844 Datasheet HTML 10Page - Analog Devices D844 Datasheet HTML 11Page - Analog Devices D844 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD844
Rev. F | Page 8 of 20
INVERTING GAIN-OF-1 AC CHARACTERISTICS
R2
AD844
+
–
R1
+VS
4.7Ω
4.7Ω
0.22µF
0.22µF
OUTPUT
CL
RL
–IN
–VS
Figure 13. Inverting Amplifier, Gain of −1 (R1 = R2)
6
–24
0
–6
–12
–18
100M
1M
100k
10M
FREQUENCY (Hz)
R1 = R2 = 500Ω
R1 = R2 = 1kΩ
Figure 14. Gain vs. Frequency for Gain = −1, RL = 500 Ω, CL = 0 pF
–180
50
0
25
–210
–240
–270
–300
–330
R1 = R2 = 500Ω
R1 = R2 = 1kΩ
FREQUENCY (MHz)
Figure 15. Phase vs. Frequency for Gain = −1, RL = 500 Ω, CL = 0 pF
5V
10
20ns
100
0
90
Figure 16. Large Signal Pulse Response, Gain = −1, R1 = R2 = 1 kΩ
10
20ns
100
0
500nV
90
Figure 17. Small Signal Pulse Response, Gain = −1, R1 = R2 = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com