Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D844 Datasheet(PDF) 7 Page - Analog Devices

Part # D844
Description  60 MHz 2000 V/s Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

D844 Datasheet(HTML) 7 Page - Analog Devices

Back Button D844 Datasheet HTML 3Page - Analog Devices D844 Datasheet HTML 4Page - Analog Devices D844 Datasheet HTML 5Page - Analog Devices D844 Datasheet HTML 6Page - Analog Devices D844 Datasheet HTML 7Page - Analog Devices D844 Datasheet HTML 8Page - Analog Devices D844 Datasheet HTML 9Page - Analog Devices D844 Datasheet HTML 10Page - Analog Devices D844 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD844
Rev. F | Page 7 of 20
–50
0
50
100
150
2
1
0
–1
–2
TEMPERATURE (°C)
IBN
IBP
Figure 10. Inverting Input Bias Current (IBN) and Noninverting Input Bias
Current (IBP) vs. Temperature
10k
100k
1M
10M
100M
100
10
1
0.1
0.01
FREQUENCY (Hz)
±5V SUPPLIES
Figure 11. Output Impedance vs. Frequency, Gain = −1, R1 = R2 = 1 kΩ
TEMPERATURE (-°C)
140
–60
–40
–20
0
20
40
60
80
100
120
40
35
30
25
20
15
10
VS = ±5V
VS = ±15V
Figure 12. –3 dB Bandwidth vs. Temperature, Gain = −1, R1 = R2 = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com