Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO8 Datasheet(PDF) 2 Page - ABCircuits

Part # SIO8
Description  Stand Alone UART IC 8 bits of input and 8 bits of output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO8 Datasheet(HTML) 2 Page - ABCircuits

  SIO8 Datasheet HTML 1Page - ABCircuits SIO8 Datasheet HTML 2Page - ABCircuits SIO8 Datasheet HTML 3Page - ABCircuits SIO8 Datasheet HTML 4Page - ABCircuits SIO8 Datasheet HTML 5Page - ABCircuits SIO8 Datasheet HTML 6Page - ABCircuits SIO8 Datasheet HTML 7Page - ABCircuits SIO8 Datasheet HTML 8Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO8
Copyright © 2014 ABCircuits. Revised September 2014 Page 2 of 8
Example Circuits
INPUT A2
INPUT A6
INPUT A5
U2
SEE NOTES
1
3
4
5
2
6
11
14
10
7
12
13
9
8
C1+
C1-
C2+
C2-
V+
V-
T1in
T1out
T2in
T2out
R1out
R1in
R2out
R2in
.1
OUTPUT A6
OUTPUT A1
OUTPUT A4
OUTPUT A7
TXD
RXD
SIO8
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
SPD
OA5
OA3
OA1
IA7
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
NC
NC
OA7
SIN-
MODE
RXP
TXE
U2= MAX3232 FOR 3V RS232
INPUT A1
.1
VCC
RS232
INPUT A0
OUTPUT A0
.1
VCC
OUTPUT A2
INPUT A4
INPUT A3
U2= MAX232 FOR 5V RS232
OUTPUT A5
.1
OUTPUT A3
GND
DB9S
1
2
3
4
5
6
7
8
8
9
VCC
INPUT A7
8 BITS INPUT/OUTPUT RS-232
INPUT A0
OUTPUT A1
OUTPUT A4
INPUT A1
INPUT A2
+3.3
OUTPUT A2
INPUT A4
OUTPUT A6
OUTPUT A0
SIO8
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
SPD
OA5
OA3
OA1
IA7
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
NC
NC
OA7
SIN-
MODE
RXP
TXE
OUTPUT A3
OUTPUT A5
INPUT A7
INPUT A3
+3.3
8 BITS INPUT/OUTPUT ETHERNET
INPUT A6
OUTPUT A7
LANTRONIX
XPORT
1
2
3
4
5
6
7
8
GND
+3.3
-POR
OUT
IN
CP1
CP2
CP3
INPUT A5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com