Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO8 Datasheet(PDF) 4 Page - ABCircuits

Part # SIO8
Description  Stand Alone UART IC 8 bits of input and 8 bits of output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO8 Datasheet(HTML) 4 Page - ABCircuits

  SIO8 Datasheet HTML 1Page - ABCircuits SIO8 Datasheet HTML 2Page - ABCircuits SIO8 Datasheet HTML 3Page - ABCircuits SIO8 Datasheet HTML 4Page - ABCircuits SIO8 Datasheet HTML 5Page - ABCircuits SIO8 Datasheet HTML 6Page - ABCircuits SIO8 Datasheet HTML 7Page - ABCircuits SIO8 Datasheet HTML 8Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO8
Copyright © 2014 ABCircuits. Revised September 2014 Page 4 of 8
Pin Description
Pin #
Description
Pin #
Description
1
NC
28
VDD
2
NC
27
TXE
3
SPD
26
RXP
4
SOUT-
25
MODE
5
OA7
24
SIN-
6
OA5
23
OA6
7
OA3
22
OA4
8
OA1
21
OA2
9
NC
20
OA0
10
IA7
19
NC
11
IA5
18
IA6
12
IA3
17
IA4
13
IA1
16
IA2
14
VSS
15
IA0
OA0-7
These output bits are set when a byte is received on the SIN- pin. Output drivers may be
required for high power loads. The RXP pin generates a positive pulse after these bits are set.
SIN-
This is the serial input pin. It may be tied directly to the UART transmitter output of your UART or
microprocessor; to a RS -232 receiver such as the MAX232; an Ethernet interface such as the
Lantronix Xport; or a USB IC such as the FT232. This pin is high in the idle state, the input
format is 8 bits, 1 stop, no parity at 9600 BPS. Other formats and baud rates are available,
please contact the factory for information. The byte received on this pin will be transferred to the
OA0-7 pins, then a positive pulse is generated on the RXP output. This pin does not have an
internal pull up resistor. It is recommended your software periodically send the byte that is
transferred to the OA0-7 pins even if they have not changed to recover from communications
errors or power failures.
You can drive this input with any hexadecimal terminal program like REALTERM for testing and
development.
SOUT-
This is the serial output pin. It may be tied directly to the UART receiver input of your UART or
microprocessor; to a RS -232 driver such as the MAX232; an Ethernet interface such as the
Lantronix Xport, or a USB IC such as the FT232. This pin sends the data on the IA0-7 pins,
adding start and stop bits. See the description of the MODE pin to determine when this data will
be sent. This pin is high in the idle state, the output format is 8 bits, 1 stop, no parity at 9600
BPS. Other output formats and baud rates are available, please contact the factory for
information.
You can monitor this output with any hexadecimal terminal program like REALTERM. Hyperterm
does not display in hexadecimal.
IA0-7
These are the input bits that will be transmitted on the SOUT- pin. These inputs have internal pull
up resistors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com