Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO8 Datasheet(PDF) 6 Page - ABCircuits

Part # SIO8
Description  Stand Alone UART IC 8 bits of input and 8 bits of output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO8 Datasheet(HTML) 6 Page - ABCircuits

  SIO8 Datasheet HTML 1Page - ABCircuits SIO8 Datasheet HTML 2Page - ABCircuits SIO8 Datasheet HTML 3Page - ABCircuits SIO8 Datasheet HTML 4Page - ABCircuits SIO8 Datasheet HTML 5Page - ABCircuits SIO8 Datasheet HTML 6Page - ABCircuits SIO8 Datasheet HTML 7Page - ABCircuits SIO8 Datasheet HTML 8Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO8
Copyright © 2014 ABCircuits. Revised September 2014 Page 6 of 8
Serial Output Stream
STOP
IA4
IA0
IA7
BIT CELLS
IA1
INPUT IA BITS
START
IA6
IA2
IA3
DATA STREAM
IA5
(MODE=low or grounded)
When the input bits on IA0-7 change, or the 100 mS or 1000 mS (depending on the state of the
SPD pin) delay times out, the SIO8 transmits one byte on the SOUT- pin. The bits from IA0-7 are
transmitted. The SIO8 automatically adds start and stop bits to the data stream. The data is
transmitted at 9600 BPS, 8 bits, 1 stop, no parity.
(MODE=high or open)
After a byte is received on the SIN- pin the SIO8 transmits one byte on the SOUT- pin. The bits
from IA0-7 are transmitted. The SIO8 automatically adds start and stop bits to the data stream.
The data is transmitted at 9600 BPS, 8 bits, 1 stop, no parity.
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
5
8
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Ioh=10 mA
Vol
Low Output Voltage
0.75
V
Iol=25 mA
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Iol
Low Level Sink Current
25
mA
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
IA0-6
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com