Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO8 Datasheet(PDF) 1 Page - ABCircuits

Part # SIO8
Description  Stand Alone UART IC 8 bits of input and 8 bits of output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO8 Datasheet(HTML) 1 Page - ABCircuits

  SIO8 Datasheet HTML 1Page - ABCircuits SIO8 Datasheet HTML 2Page - ABCircuits SIO8 Datasheet HTML 3Page - ABCircuits SIO8 Datasheet HTML 4Page - ABCircuits SIO8 Datasheet HTML 5Page - ABCircuits SIO8 Datasheet HTML 6Page - ABCircuits SIO8 Datasheet HTML 7Page - ABCircuits SIO8 Datasheet HTML 8Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number 74C922-SO
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 8
SIO8 IC
Stand Alone UART IC
8 bits of input and 8 bits of output
General Description
The SIO8 IC is a stand alone UART designed to provide 8 bits of input and output data to connect
to RS-232, USB, RS-485, Ethernet or directly to your UART. Outputs can be used to drive relays,
logic, optocouplers or a transistors. Inputs can be from switches, relay contacts, logic,
optocouplers or a transistor switched to ground. The SIO8 has internal pull resistors on most
inputs to minimize additional parts. If the MODE pin is open or high, the data on the IA0-7 pins
are transmitted only after a byte is received on the SIN- pin. If the MODE pin is low, the SIO8 IC
transmits data anytime the inputs change or every of 100 mS, or 1000 mS, depending on the
state of the SPD pin. A positive pulse is generated on the RXP pin every time a byte is received
on the SIN- pin. The serial format to the SIO8 is standard asynchronous format, using 8 bits, 1
stop and no parity at 9600 BPS. Other formats and encoding are available, contact the factory.
A .1 uF bypass capacitor is suggested across the VDD and VSS pins. The part uses the standard
28 pin .3 inch width SOIC package.
Features
• Asynchronous serial control for 8
bits of input and 8 bits of output.
• Can connect with RS-232, RS-485,
USB or Ethernet or UART.
• Inputs can be switches, relay
contacts, optocouplers, and logic.
• On chip input pull up resistors on
most inputs.
• Outputs can be used to drive relays,
transistors, optocouplers, and logic.
• No external parts required.
• Low power consumption 5 mA
typical.
• Supply voltage 2.4 to 5.25 volts.
• All timing internally generated.
• TTL and CMOS compatible outputs.
• Part is in full production.
• SOIC and DIP 28 Pin Package.
• ROHS Compliant
• Low EMI
Applications
• Input Output Expansion
• Remote control
• Process control
• Building Automation
• Off site monitoring
• Security systems
• Internet of things
• Machine control


Similar Part No. - SIO8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
More results

Similar Description - SIO8

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
8-Bits Micro-controller
logo
Megawin Technology Co.,...
MG87FX52 MEGAWIN-MG87FX52 Datasheet
850Kb / 44P
8 bits microcontroller
MG87FX2051A MEGAWIN-MG87FX2051A Datasheet
868Kb / 56P
8-bits microcontroll
logo
ABCircuits
SI14 ABCIRCUITS-SI14 Datasheet
222Kb / 6P
Serial Input IC For 14 Bits of Input
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
SIOA7 ABCIRCUITS-SIOA7 Datasheet
219Kb / 10P
Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com