Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C51FC Datasheet(PDF) 1 Page - Intel Corporation

Part # TP87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C51FC Datasheet(HTML) 1 Page - Intel Corporation

  TP87C51FC Datasheet HTML 1Page - Intel Corporation TP87C51FC Datasheet HTML 2Page - Intel Corporation TP87C51FC Datasheet HTML 3Page - Intel Corporation TP87C51FC Datasheet HTML 4Page - Intel Corporation TP87C51FC Datasheet HTML 5Page - Intel Corporation TP87C51FC Datasheet HTML 6Page - Intel Corporation TP87C51FC Datasheet HTML 7Page - Intel Corporation TP87C51FC Datasheet HTML 8Page - Intel Corporation TP87C51FC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
September 1993
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270961-003
87C51FA87C51FB87C51FC87C51FC-20
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Automotive
Y
FX Core Architecture Device
Y
Extended Automotive Temperature
Range (b40 Cto a125 C Ambient)
Y
Available in 12 MHz 16 MHz and
20 MHz Versions
Y
High Performance CHMOS EPROM
Y
Three 16-Bit TimerCounters
Timer 2 (UpDown Counter)
Y
Programmable Counter Array with
High Speed Output
CompareCapture
Pulse Width Modulator
Watchdog Timer Capabilities
Y
One-to-Three Level Program Lock
System on EPROM
Y
8K On-Chip User Programmable
EPROM in 87C51FA
Y
16K On-Chip User Programmable
EPROM in 87C51FB
Y
32K On-Chip User Programmable
EPROM in 87C51FC
Y
256 Bytes of On-Chip Data RAM
Y
Quick Pulse Programming Algorithm
Y
Boolean Processor
Y
32 Programmable IO Lines
Y
7 Interrupt Sources
Y
Four Level Interrupt Priority
Y
Programmable Serial Channel with
Framing Error Detection
Automatic Address Recognition
Y
TTL and CMOS Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
MCS -51 Fully Compatible Instruction
Set
Y
Power Saving Idle and Power Down
Modes
Y
ONCE (On-Circuit Emulation) Mode
Y
RFI Reduction Mode
Y
Available in PLCC and PDIP Packages
MEMORY ORGANIZATION
PROGRAM MEMORY Up to 8 Kbytes of the program memory can reside in the 87C51FA On-Chip EPROM
Up to 16 Kbytes of the program memory can reside in the 87C51FB on-chip EPROM Up to 32 Kbytes of the
program memory can reside in the 87C51FC on-chip EPROM In addition the device can address up to 64K of
program memory external to the chip
DATA MEMORY This microcontroller has a 256 x 8 on-chip RAM In addition it can address up to 64 Kbytes of
external data memory
The Intel 87C51FA87C51FB87C51FC is a single-chip control-oriented microcontroller which is fabricated on
Intel’s reliable CHMOS EPROM technology Being a member of the MCS-51 family the 87C51FB87C51FC
uses the same powerful instruction set has the same architecture and is pin-for-pin compatible with the
existing MCS-51 family of products The 87C51FA is an enhanced version of the 87C51 The 87C51FB is an
enhanced version of the 87C51FA The 87C51FC is an enhanced version of the 87C51FB With 8 Kbytes of
program memory in the 87C51FA and 16 Kbytes of program memory in the 87C51FB and 32 Kbytes of
program memory in the 87C51FC it is an even more powerful microcontroller for applications that require
Pulse Width Modulation High Speed IO and updown counting capabilities such as brake and traction
control
For the remainder of this document the 87F51FA 87C51FB and 87C51FC will be referred to as the
87C51FAFBFC


Similar Part No. - TP87C51FC

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
TP87C51FA ROCHESTER-TP87C51FA Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
More results

Similar Description - TP87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com