Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C51FC Datasheet(PDF) 17 Page - Intel Corporation

Part # TP87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C51FC Datasheet(HTML) 17 Page - Intel Corporation

Back Button TP87C51FC Datasheet HTML 10Page - Intel Corporation TP87C51FC Datasheet HTML 11Page - Intel Corporation TP87C51FC Datasheet HTML 12Page - Intel Corporation TP87C51FC Datasheet HTML 13Page - Intel Corporation TP87C51FC Datasheet HTML 14Page - Intel Corporation TP87C51FC Datasheet HTML 15Page - Intel Corporation TP87C51FC Datasheet HTML 16Page - Intel Corporation TP87C51FC Datasheet HTML 17Page - Intel Corporation TP87C51FC Datasheet HTML 18Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS
(TA e 21 Cto27 C VCC e 5V g20% VSS e 0V)
ADVANCED INFORMATIONCONTACT INTEL FOR DESIGN-IN INFORMATION
Symbol
Parameter
Min
Max
Units
VPP
Programming Supply Voltage
125
130
V
IPP
Programming Supply Current
75
mA
1TCLCL
Oscillator Frequency
4
6
MHz
TAVGL
Address Setup to PROG Low
48TCLCL
TGHAX
Address Hold after PROG
48TCLCL
TDVGL
Data Setup to PROG Low
48TCLCL
TGHDX
Data Hold after PROG
48TCLCL
TEHSH
(Enable) High to VPP
48TCLCL
TSHGL
VPP Setup to PROG Low
10
m
s
TGHSL
VPP Hold after PROG
10
m
s
TGLGH
PROG Width
90
110
m
s
TAVQV
Address to Data Valid
48TCLCL
TELQV
ENABLE Low to Data Valid
48TCLCL
TEHQZ
Data Float after ENABLE
0
48TCLCL
TGHGL
PROG High to PROG Low
10
m
s
EPROM PROGRAMMING AND VERIFICATION WAVEFORMS
270961 – 21
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com