Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C51FC Datasheet(PDF) 7 Page - Intel Corporation

Part # TP87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C51FC Datasheet(HTML) 7 Page - Intel Corporation

Back Button TP87C51FC Datasheet HTML 3Page - Intel Corporation TP87C51FC Datasheet HTML 4Page - Intel Corporation TP87C51FC Datasheet HTML 5Page - Intel Corporation TP87C51FC Datasheet HTML 6Page - Intel Corporation TP87C51FC Datasheet HTML 7Page - Intel Corporation TP87C51FC Datasheet HTML 8Page - Intel Corporation TP87C51FC Datasheet HTML 9Page - Intel Corporation TP87C51FC Datasheet HTML 10Page - Intel Corporation TP87C51FC Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
DESIGN CONSIDERATION
When the Idle mode is terminated by a hardware
reset the device normally resumes program execu-
tion from where it left off up to two machine cycles
before the internal reset algorithm takes control On-
chip hardware inhibits access to internal RAM in this
event but access to the port pins is not inhibited To
eliminate the possibility of an unexpected write when
Idle is terminated by reset the instruction following
the one that invokes Idle should not be one that
writes to a port pin or to external memory
ONCE MODE
The ONCE (‘‘On-Circuit Emulation’’) Mode facilitates
testing
and
debugging
of
systems
using
the
87C51FAFBFC without removing it from the cir-
cuit The ONCE Mode is invoked by
1 Pull ALE low while the device is in reset and
PSEN is high
2 Hold ALE low as RST is deactivated
While the device is in ONCE Mode the Port 0 pins
float and the other port pins and ALE and PSEN are
weakly pulled high The oscillator circuit remains ac-
tive While the 87C51FAFBFC is in this mode an
emulator or test CPU can be used to drive the circuit
Normal operation is restored when a normal reset is
applied
RFI REDUCTION MODE
The RFI reduction feature can be used only if exter-
nal program memory is not required since this mode
disables the ALE pin during instruction code fetches
By writing a logical one to the LSB of the Auxiliary
Register (address 08EH) the ALE is disabled for in-
struction code fetches and the output is weakly held
high When a logical zero is written the ALE pin is
enabled allowing it to generate the Address Latch
Enable signal This bit is cleared by reset Once dis-
abled ALE remains disabled until it is reset by soft-
ware or until a hardware reset occurs
Table 2 Status of the External Pins during Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
NOTE
For more detailed information on the reduced power modes refer to current Embedded Applications Handbook and Applica-
tion Note AP-252 ‘‘Designing with the 80C51BH’’
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com