Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R113 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button R113 Datasheet HTML 15Page - List of Unclassifed Manufacturers R113 Datasheet HTML 16Page - List of Unclassifed Manufacturers R113 Datasheet HTML 17Page - List of Unclassifed Manufacturers R113 Datasheet HTML 18Page - List of Unclassifed Manufacturers R113 Datasheet HTML 19Page - List of Unclassifed Manufacturers R113 Datasheet HTML 20Page - List of Unclassifed Manufacturers R113 Datasheet HTML 21Page - List of Unclassifed Manufacturers R113 Datasheet HTML 22Page - List of Unclassifed Manufacturers R113 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
www.radiall.com
4-22
ASSEMBLY INSTRUCTIONS
M01
COPLANAR LINE
Pattern and signal are on the same side.
Thickness of PCB: .063 (1.6 mm).
The material of PCB is the epoxy resin of
glass fabrics bacs (Er = 4.8).
The solder resist should be printed
VIDEO SHADOW
Vaccum nozzle dimensions
MCX 50Ω
MCX 75Ω
Part number
R113 423 000
Part number
a
b
c
R113 424 000
R113 424 010
R113 424 020
R113A 424 020
R113 664 000 Ø 1.7
1.2 0.21
R113A 664 120
Ø 1.05
1.2 0.21
R213 424 800
Ø 1.57
1 0.63
Part number
R113 423 000
Part number
R113 424 000
R113 424 020
R113 424 010
R113A 424 020
R213 424 800
Part number
R113 664 000
R213 664 800
R113A 664 120
+0.1
0
+0.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com