Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R113 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button R113 Datasheet HTML 4Page - List of Unclassifed Manufacturers R113 Datasheet HTML 5Page - List of Unclassifed Manufacturers R113 Datasheet HTML 6Page - List of Unclassifed Manufacturers R113 Datasheet HTML 7Page - List of Unclassifed Manufacturers R113 Datasheet HTML 8Page - List of Unclassifed Manufacturers R113 Datasheet HTML 9Page - List of Unclassifed Manufacturers R113 Datasheet HTML 10Page - List of Unclassifed Manufacturers R113 Datasheet HTML 11Page - List of Unclassifed Manufacturers R113 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.radiall.com
4-8
CHARACTERISTICS
Standard packaging = 100 pieces.
All dimensions are given in mm.
ELECTRICAL CHARACTERISTICS
Impedance
50Ω
Frequency range
DC - 12.4 GHz
Typical V.S.W.R.
straight connectors: 2/50/S
2.6/50/S
2.6/50/D
right angle connectors: 2/50/S
2.6/50/S
2.6/50/D
DC - 1 GHz
1.05
1.05
1.05
1.05
1.05
1.05
1 - 2.5 GHz
1.06
1.06
1.06
1.13
1.06
1.06
2.5 - 6 GHz
1.10
1.10
1.10
1.22
1.17
1.13
Insulation resistance
› 1 GΩ
Dielectric withstanding voltage
(sea level)
2.50
2.6/50
4.4.5
500 Vrms. 50 Hz
750 Vrms. 50 Hz
Contact resistance
center contact
outer contact
4.4.2
4.4.3
≤ 5 mΩ
≤ 1 mΩ
MECHANICAL CHARACTERISTICS
Mechanical endurance
4.7.1
100 matings
Engagement and separation force
Engagement
Separation
4.5.4
30 N max
8-30 N
Contact captivation
4.5.2
≥ 10 N
Cable retention force
2/50
2.6/50
58 N
110 N
Vibration
4.6.3 - IEC 68-2-6 Fc
MIL-STD-202, Method 204 D, condition A
ENVIRONMENTAL CHARACTERISTICS
Temperature range
-55°C + 155°C
Thermal shock
4.6.7 - IEC 68-2-14 Na
MIL STD 202, method 107G, condition B1
Moisture resistance
4.6.6 - IEC 68-2-3 Ca
MIL STD 202, method 106F
Corrosion
4.6.10 - IEC 68-2-11 Ka
MIL STD 202, method 101, condition B
Vibration
4.6.3 - IEC 68-2-6 Fc
MIL STD 202, method 204D, condition A
MATERIALS
Center
& outer contacts
Beryllium copper
Bodies
Brass
Ferrules
Copper
Insulators
PTFE
PLATING
Center
& outer contacts
Gold/NPGR
Bodies
NPGR
Ferrules
NPGR
Test/characteristics
CECC 22000
Values/remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com