Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R113 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R113 Datasheet HTML 1Page - List of Unclassifed Manufacturers R113 Datasheet HTML 2Page - List of Unclassifed Manufacturers R113 Datasheet HTML 3Page - List of Unclassifed Manufacturers R113 Datasheet HTML 4Page - List of Unclassifed Manufacturers R113 Datasheet HTML 5Page - List of Unclassifed Manufacturers R113 Datasheet HTML 6Page - List of Unclassifed Manufacturers R113 Datasheet HTML 7Page - List of Unclassifed Manufacturers R113 Datasheet HTML 8Page - List of Unclassifed Manufacturers R113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.radiall.com
4-4
SMP-MAX
Receptacle
IMP
SMP-MAX Adapter
INTRODUCTION
The Best Systems
Radiall’s engineers work with your engineers allowing us to develop the best competitively
priced misalignment RF coaxial interconnect solutions on the market today.
The Best Choices
Radiall offers more board 2 board choices with four different product groups and ten
connector series that can address the most demanding wireless telecom applications
required for the new generation of infrastructure compact equipment. From base stations
to repeaters and even handheld and GPS devices, we have a tailored connector solution
for you; including the new SMP-MAX, SMP-Spring, IMP-Spring and other large, limited and
no misalignment solutions.
SMP-MAX
Get the best for less with the new SMP-MAX large misalignment solution. Its patented impedance
matching insulator is optimized for a larger operating gap between connectors
making it easier for engineers to handle a board 2 board distance tolerance
of at least .078” (2.0 mm) without a spring, which is 300% more than the standard
SMP! It features a 3° minimum tilt (radial travel) and it has an operating
frequency range of DC-6 GHz and a 1.2 max VSWR guaranteed at DC-3 GHz.
Spring-loaded Connectors
Radiall’s one connector IMP-Spring and three connector SMP-Spring and MMBX-
Spring large misalignment spring-loaded series are the best for increased maximum
distance tolerances.
IMP-Spring is a cost effective unique one connector solution that offers up to .023"
(.6 mm) board 2 board distance tolerance with a tilt (radial travel) up to 4.5°.
The new SMP-Spring and MMBX-Spring offer up to .078” (2 mm) board 2 board distance
tolerance and a 4.5° tilt (radial travel).
All spring-loaded solutions feature consistent VSWR and low RF leakage.
Limited Misalignment
Radiall’s one connector IMP and three connector SMP and MMBX limited misalignment series are
designed for applications requiring relatively precise distance tolerance of up to .023" (.6 mm) with
a tilt (radial travel) of up to 4.5°.
No Misalignment
Radiall’s MMT, MMS and MCX series are designed for applications requiring little or no distance tolerance between boards.
IMP-Spring and SMP-Spring
BOARD TO BOARD SOLUTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com