Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R113 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  R113 Datasheet HTML 1Page - List of Unclassifed Manufacturers R113 Datasheet HTML 2Page - List of Unclassifed Manufacturers R113 Datasheet HTML 3Page - List of Unclassifed Manufacturers R113 Datasheet HTML 4Page - List of Unclassifed Manufacturers R113 Datasheet HTML 5Page - List of Unclassifed Manufacturers R113 Datasheet HTML 6Page - List of Unclassifed Manufacturers R113 Datasheet HTML 7Page - List of Unclassifed Manufacturers R113 Datasheet HTML 8Page - List of Unclassifed Manufacturers R113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.radiall.com
4-5
INTRODUCTION
Misalignment tolerances
Dimensions
Performance
Family
Series
Angle tolerance
(example with
a 10mm distance
between
boards
Board
to board
distance
tolerance
Board
to board
minimum
distance
PCB surface / size
Maximum
frequency
Typical
VSWR
(min/max)
at 3 GHz
Power
at 3 GHz
at 25°C
No
misalignment
MMT
0
0
6.4 mm
4.2 X 4.9 / 25 mm2
8 GHz
1,5
80W
MMS
0
0
7.65 mm
4.2 X 5.1 / 21 mm2
6 GHz
1,5
80W
MCX
0
0
7.95 mm
6 X 6 / 36 mm2
6 GHz
1,25
120W
Limited
misalignment
IMP
0
0.4 mm
2 mm
4.5 X 4.5 / 20 mm2
6 GHz
1,25
50 W
SMP
3.5°/0.3mm Max
0.5 mm
9.5 mm
5 X 5 / 25 mm2
12.4 GHz
1,12
120 W
MMBX
4.5°/0.7mm Max
0.6 mm
6.7 mm
4 X 4 / 16 mm2
6 GHz
1,15
150 W
Large
misalignment
Spring loaded
IMP-Spring
Not specified
1.2 mm
8.1 mm
Ø 7 / 38 mm2
18 GHz
1,2
150 W
IMP-Spring
1 ° / 1 mm Max
2.0 mm
16 mm
Ø 7 / 38 mm2
6 GHz
1,15
150 W
SMP-Spring
3.5°/0.3mm Max
1.2 mm
15.6 mm
5 X 5 / 25 mm2
12.4 GHz
1,15
150 W
MMBX-Spring
4.5°/0.7mm Max
1.6 mm
18 mm
6 X 6 / 36 mm2
6 GHz
1,18
150 W
Large
misalignment
cost effective
SMP-Max
3°/1mm Min
2.0 mm Min
13 mm
5.6 X 5.6 / 31 mm2
6 GHz
1,2
300 W
at 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com