Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271KG Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # TOP271KG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271KG Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button TOP271KG Datasheet HTML 23Page - Power Integrations, Inc. TOP271KG Datasheet HTML 24Page - Power Integrations, Inc. TOP271KG Datasheet HTML 25Page - Power Integrations, Inc. TOP271KG Datasheet HTML 26Page - Power Integrations, Inc. TOP271KG Datasheet HTML 27Page - Power Integrations, Inc. TOP271KG Datasheet HTML 28Page - Power Integrations, Inc. TOP271KG Datasheet HTML 29Page - Power Integrations, Inc. TOP271KG Datasheet HTML 30Page - Power Integrations, Inc. TOP271KG Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Rev. E 08/12
27
TOP264-271
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection
Self Protection
Current Limit
(See Note D)
I
LIMIT
TOP264
T
J = 25 °C
di/dt = 270 mA/
ms
1.209
1.30
1.391
A
TOP265
T
J = 25 °C
di/dt = 350 mA/
ms
1.581
1.70
1.819
TOP266
T
J = 25 °C
di/dt = 530 mA/
ms
2.371
2.55
2.728
TOP267
T
J = 25 °C
di/dt = 625 mA/
ms
2.800
3.01
3.222
TOP268
T
J = 25 °C
di/dt = 675 mA/
ms
3.023
3.25
3.478
TOP269
T
J = 25 °C
di/dt = 720 mA/
ms
3.236
3.48
3.723
TOP270
T
J = 25 °C
di/dt = 870 mA/
ms
3.906
4.20
4.494
TOP271
T
J = 25 °C
di/dt = 1065 mA/
ms
4.808
5.17
5.532
Initial Current Limit
I
INIT
See Note C
0.70 ×
I
LIMIT(MIN)
A
Power Coefficient
P
COEFF
T
J = 25 °C,
See Note E
I
X ≤ - 165 mA
0.9 × I2f
I2f
1.2 × I2f
A2kHz
I
X ≤ - 117 mA
0.9 × I2f
I2f
1.2 × I2f
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C, See Figure 34
220
ns
Current Limit Delay
t
IL(D)
100
ns
Thermal Shutdown
Temperature
135
142
150
°C
Thermal Shutdown
Hysteresis
75
°C
Power-Up Reset
Threshold Voltage
V
C(RESET)
Figure 35 (S1 Open Condition)
1.75
3.0
4.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com