Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271KG Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TOP271KG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271KG Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TOP271KG Datasheet HTML 11Page - Power Integrations, Inc. TOP271KG Datasheet HTML 12Page - Power Integrations, Inc. TOP271KG Datasheet HTML 13Page - Power Integrations, Inc. TOP271KG Datasheet HTML 14Page - Power Integrations, Inc. TOP271KG Datasheet HTML 15Page - Power Integrations, Inc. TOP271KG Datasheet HTML 16Page - Power Integrations, Inc. TOP271KG Datasheet HTML 17Page - Power Integrations, Inc. TOP271KG Datasheet HTML 18Page - Power Integrations, Inc. TOP271KG Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Rev. E 08/12
15
TOP264-271
www.powerint.com
PI-5667-030810
R15
33
Ω
R19
20 k
Ω
R18
10 k
Ω
1%
R17
147 k
Ω
1%
R16
20 k
Ω
R27
10 k
Ω
R22
1.6 k
Ω
U2
LMV431AIMF
1%
D2
RS1K
D3
BAV19WS
R12
4.7 k
Ω
R1
2.2 M
Ω
R2
2.2 M
Ω
R13
6.8
Ω
1/8 W
R20
191 k
Ω
1%
R25
20
Ω
1/8 W
R6
150
Ω
R5
300
Ω
R29
300
Ω
R11
300
Ω
R28
300
Ω
U3B
PS2501-
1-H-A
U3A
PS2501-
1-H-A
L4
200
µH
L3
12 mH
U1
TOP269EG
C7
47
µF
16 V
C16
22 nF
50 V
C22
100 nF
50 V
C19
6.8 nF
50 V
C10
56
µF
35 V
D4
BAV21WS-
7-F
D5
V30100C
C6
100 nF
50 V
D1
GBU8J
600 V
C13
470
µF
25 V
C14
470
µF
25 V
C21
10 nF
50 V
C12
1 nF
100 V
3
T1
RM10 FL1
FL2
5
4
1
C11
1 nF
250 VAC
C1
330 nF
275 VAC
F1
4 A
TOPSwitch-JX
L
N
19 V, 3.42 A
RTN
C2
120
µF
400 V
C9
220 nF
25 V
C4
1000 pF
630 V
C5
2.2 nF
1 kV
VR2
SMAJ250A
90 - 265
VAC
D
S
C
V
F
X
CONTROL
R3
5.1 M
Ω
R7
10 M
Ω
R4
5.1 M
Ω
R9
11 k
Ω
1%
R8
10 M
Ω
R24
2.2
Ω
R14
20
Ω
C15
470 pF
50 V
Q2
MMBT3904
VR1
ZMM5244B-7
Q1
MMBT4403
Input Voltage (VAC)
90
230
Full Power Ef ciency (%) 86.6
89.1
Average Ef ciency (%)
89.5
No-load Input Power (mW) 57.7
115
88.4
89.8
59.7
86.7
R10
100
Ω
Figure 25. Schematic of High Efficiency 19 V, 65 W, Universal Input Flyback Supply with Low No-load.
Application Example
Low No-Load, High Efficiency, 65 W, Universal Input
Adapter Power Supply
The circuit shown in Figure 25 shows a 90 VAC to 265 VAC
input, 19 V, 3.42 A output power supply, designed for operation
inside a sealed adapter case type. The goals of the design were
highest full load efficiency, highest average efficiency (average of
25%, 50%, 75% and 100% load points), and very low no-load
consumption. Additional requirements included latching output
overvoltage shutdown and compliance to safety agency limited
power source (LPS) limits. Measured efficiency and no-load
performance is summarized in the table shown in the schematic
which easily exceed current energy efficiency requirements.
In order to meet these design goals the following key design
decisions were made.
PI Part Selection
•
One device size larger selected than required for power
delivery to increase efficiency
The current limit programming feature of TOPSwitch-JX allows
the selection of a larger device than needed for power delivery.
This gives higher full load, low-line efficiency by reducing the
MOSFET conduction losses (I
RMS
2
× R
DS(ON)) but maintains the
overload power, transformer and other components size as if a
smaller device had been used.
For this design one device size larger than required for power
delivery (as recommended by the power table) was selected.
This typically gives the highest efficiency. Further increases in
device size often results in the same or lower efficiency due to
the larger switching losses associated with a larger MOSFET.
Line-Sense Resistor Values
•
Increasing line-sensing resistance from 4 M
W to 10.2 MW to
reduce no-load input power dissipation by 16 mW
Line-sensing is provided by resistors R3 and R4 and sets the
line undervoltage and overvoltage thresholds. The combined
value of these resistors was increased from the standard 4 M
W
to 10.2 M
W. This reduced the resistor dissipation, and therefore
contribution to no-load input power, from ~26 mW to ~10 mW. To
compensate the resultant change in the UV (turn-on) threshold
resistor R20 was added between the CONTROL and VOLTAGE-
MONITOR pins. This adds a DC current equal to ~16
mA into the
VOLTAGE MONITOR pin, requiring only 9
mA to be provided via
R3 and R4 to reach the VOLTAGE MONITOR pin UV (turn-on)
threshold current of 25
mA and setting the UV threshold to 95 VDC.
This technique does effectively disable the line OV feature as
the resultant OV threshold is raised from ~450 VDC to ~980 VDC.
However in this design there was no impact as the value of
input capacitance (C2) was sufficient to allow the design to
withstand differential line surges greater than 2 kV without the
peak drain voltage reaching the BV
DSS rating of U1.
Specific guidelines and detailed calculations for the value of
R20 may be found in the TOPSwitch-JX Application Note (AN-47).
Clamp Configuration – RZCD vs RCD
•
An RZCD (Zener bleed) was selected over an RCD clamp to
give higher light load efficiency and lower no-load consumption
The clamp network is formed by VR2, C4, R5, R6, R11, R28,
R29 and D2. It limits the peak drain voltage spike caused by
leakage inductance to below the BV
DSS rating of the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com