Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271KG Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # TOP271KG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271KG Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button TOP271KG Datasheet HTML 16Page - Power Integrations, Inc. TOP271KG Datasheet HTML 17Page - Power Integrations, Inc. TOP271KG Datasheet HTML 18Page - Power Integrations, Inc. TOP271KG Datasheet HTML 19Page - Power Integrations, Inc. TOP271KG Datasheet HTML 20Page - Power Integrations, Inc. TOP271KG Datasheet HTML 21Page - Power Integrations, Inc. TOP271KG Datasheet HTML 22Page - Power Integrations, Inc. TOP271KG Datasheet HTML 23Page - Power Integrations, Inc. TOP271KG Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Rev. E 08/12
20
TOP264-271
www.powerint.com
mode. As can be seen in Figures 27 and 28, the benefits of jitter
increase with the order of the switching harmonic due to an
increase in frequency deviation. The FREQUENCY pin offers a
switching frequency option of 132 kHz or 66 kHz. In applications
that require heavy snubber on the drain node for reducing high
frequency radiated noise (for example, video noise sensitive
applications such as VCRs, DVDs, monitors, TVs, etc.), operating
at 66 kHz will reduce snubber loss, resulting in better efficiency.
Also, in applications where transformer size is not a concern, use
of the 66 kHz option will provide lower EMI and higher efficiency.
Note that the second harmonic of 66 kHz is still below 150 kHz,
above which the conducted EMI specifications get much tighter.
For 10 W or below, it is possible to use a simple inductor in place
of a more costly AC input common mode choke to meet
worldwide conducted EMI limits.
Transformer Design
It is recommended that the transformer be designed for
maximum operating flux density of 3000 Gauss and a peak flux
density of 4200 Gauss at maximum current limit. The turns ratio
should be chosen for a reflected voltage (V
OR) no greater than
135 V when using a Zener clamp or 150 V (max) when using an
RCD clamp with current limit reduction with line voltage (overload
protection). For designs where operating current is significantly
lower than the default current limit, it is recommended to use an
externally set current limit close to the operating peak current to
reduce peak flux density and peak power (see Figure 18).
Standby Consumption
Frequency reduction can significantly reduce power loss at light
or no-load, especially when a Zener clamp is used. For very
low secondary power consumption, use a TL431 regulator for
feedback control. A typical TOP264-271 circuit automatically
enters MCM mode at no-load and the low frequency mode at
light load, which results in extremely low losses under no-load
or standby conditions.
High Power Designs
The TOP264-271 family contains parts that can deliver up to
162 W. High power designs need special considerations.
Guidance for high power designs can be found in the Design
Guide for TOP264-271 (AN-47).
TOP264-271 Layout Considerations
The TOP264-271 has multiple pins and may operate at high
power levels. The following guidelines should be carefully
followed.
Primary Side Connections
Use a single point (Kelvin) connection at the negative terminal of
the input filter capacitor for the SOURCE pin and bias winding
return. This improves surge capabilities by returning surge
currents from the bias winding directly to the input filter capacitor.
The CONTROL pin bypass capacitor should be located as
close as possible to the SOURCE and CONTROL pins, and its
SOURCE connection trace should not be shared by the main
MOSFET switching currents. All SOURCE pin referenced
components connected to the VOLTAGE MONITOR (V) pin or
EXTERNAL CURRENT LIMIT (X) pin should also be located
closely between their respective pin and SOURCE. Once again,
the SOURCE connection trace of these components should not
be shared by the main MOSFET switching currents. It is very
critical that SOURCE pin switching currents are returned to the
input capacitor negative terminal through a separate trace that is
not shared by the components connected to CONTROL,
VOLTAGE MONITOR or EXTERNAL CURRENT LIMIT pins. This
is because the SOURCE pin is also the controller ground
reference pin. Any traces to the VOLTAGE MONITOR,
EXTERNAL CURRENT LIMIT or CONTROL pins should be kept
as short as possible and away from the DRAIN trace to prevent
noise coupling. Voltage monitor resistors (R
LS in Figures 14, 15,
19, 22, 23, 26, 30) and primary-side OVP circuit components
V
ZOV/ROV in Figures (29, 30) should be located close to the
VOLTAGE MONITOR pin to minimize the trace length on the
VOLTAGE MONITOR pin side. Resistors connected to the
VOLTAGE MONITOR or EXTERNAL CURRENT LIMIT pin should
be connected as close to the bulk capacitor positive terminal as
possible while routing these connections away from the power
switching circuitry. In addition to the 47
mF CONTROL pin
Figure 28. TOPSwitch-JX Full Range EMI Scan (132 kHz with Jitter) with
Identical Circuitry and Conditions.
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
EN55022B (QP)
EN55022B (AV)
EN55022B (QP)
EN55022B (AV)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
TOPSwitch-JX (with jitter)
Figure 27. Fixed Frequency Operation without Jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com