Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271KG Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP271KG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271KG Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP271KG Datasheet HTML 10Page - Power Integrations, Inc. TOP271KG Datasheet HTML 11Page - Power Integrations, Inc. TOP271KG Datasheet HTML 12Page - Power Integrations, Inc. TOP271KG Datasheet HTML 13Page - Power Integrations, Inc. TOP271KG Datasheet HTML 14Page - Power Integrations, Inc. TOP271KG Datasheet HTML 15Page - Power Integrations, Inc. TOP271KG Datasheet HTML 16Page - Power Integrations, Inc. TOP271KG Datasheet HTML 17Page - Power Integrations, Inc. TOP271KG Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Rev. E 08/12
14
TOP264-271
www.powerint.com
Typical Uses of VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)
X
PI-5465-061009
DC
Input
Voltage
+
-
D
S
C
2.5 M
Ω
RLS
6 k
Ω
RIL
100% @ 100 VDC
53% @ 300 VDC
ILIMIT =
ILIMIT =
CONTROL
X
PI-5466-061009
DC
Input
Voltage
+
-
D
S
C
ON/OFF
47 K
Ω
QR can be an optocoupler
output or can be replaced by
a manual switch.
QR
CONTROL
X
ON/OFF
16 k
Ω
PI-5531-072309
DC
Input
Voltage
+
-
D
S
C
RIL
QR
12 k
Ω
For RIL =
ILIMIT = 61%
19 k
Ω
For RIL =
ILIMIT = 37%
QR can be an optocoupler
output or can be replaced
by a manual switch.
CONTROL
Figure 19. Current Limit Reduction with Line Voltage.
Figure 20. Active-On (Fail Safe) Remote-ON/OFF, and Latch Reset.
Figure 21. Active-On Remote-ON/OFF with Externally Set Current Limit,
and Latch Reset
X
ON/OFF
16 k
Ω
PI-5467-061009
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
RIL
RLS
QR
4 M
Ω
VUV = IUV × RLS + VV (IV = IUV)
VOV = IOV × RLS + VV (IV = IoV)
DCMAX@100 VDC = 76%
DCMAX@375 VDC = 41%
12 k
Ω
For RIL =
ILIMIT = 61%
QR can be an optocoupler
output or can be replaced
by a manual switch.
X
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
RIL
RLS
12 k
Ω
4 M
Ω
VUV = IUV x RLS + VV (IV = IUV)
VOV = IOV x RLS + VV (IV = IoV)
For RLS = 4 MΩ
DCMAX @ 100 VDC = 76%
DCMAX @ 375 VDC = 41%
For RIL = 12 kΩ
ILIMIT = 61%
See Figure 37 for
other resistor values
(RIL) to select different
ILIMIT values.
VUV = 102.8 VDC
VOV = 451 VDC
Figure 22. Active-On Remote-ON/OFF with Line-Sense and External
Current Limit, and Latch Reset.
Figure 23. Line Sensing and Externally Set Current Limit.
Figure 24. Externally Set Current Limit, Fast AC Latch Reset and Brown-Out.
X
AC
Input
R1
4 M
Ω 1N4007
C1
47 nF
PI-5652-110609
+
-
D
S
C
RIL
QR
Typ. 65 VAC brownout threshold.
<3 s AC latch reset time.
Higher gain QR allows increasing R1/
decreasing C1 for lower no-load input
power.
CONTROL
R2
39 k
Ω
DC
Input
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com