Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4516BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4516BMS
Description  CMOS Presettable Up/Down Counters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4516BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4516BMS Datasheet HTML 1Page - Intersil Corporation CD4516BMS Datasheet HTML 2Page - Intersil Corporation CD4516BMS Datasheet HTML 3Page - Intersil Corporation CD4516BMS Datasheet HTML 4Page - Intersil Corporation CD4516BMS Datasheet HTML 5Page - Intersil Corporation CD4516BMS Datasheet HTML 6Page - Intersil Corporation CD4516BMS Datasheet HTML 7Page - Intersil Corporation CD4516BMS Datasheet HTML 8Page - Intersil Corporation CD4516BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.15
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-1.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
+7
-
V
Propagation Delay
Clock to Q Output
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
150
ns
Propagation Delay
Preset or Reset to Q
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
210
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Propagation Delay
Clock to Carry Out
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Propagation Delay
Carry In to Carry Out
TPHL4
TPLH4
VDD = 10V
1, 2, 3
+25oC
-
120
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Propagation Delay Preset
or Reset to Carry Out
TPHL5
TPLH5
VDD = 10V
1, 2, 3, 4
+25oC
-
320
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
250
ns
Transition Time
TTLH
TTHL
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input Fre-
quency
FCL
VDD = 10V
1, 2
+25oC
4
-
MHz
VDD = 15V
1, 2
+25oC
5.5
-
MHz
Minimum Hold Time
Preset Enable to JN
TH
VDD = 5V
1, 2, 3
+25oC
-
70
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Data Setup Time
Preset Enable to JN
TS
VDD = 5V
1, 2, 3
+25oC
-
25
ns
VDD = 10V
1, 2, 3
+25oC
-
10
ns
VDD = 15V
1, 2, 3
+25oC
-
10
ns
Minimum Data Hold Time
Clock to Carry In
TH
VDD = 5V
1, 2, 3
+25oC
-
60
ns
VDD = 10V
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Minimum Clock Hold Time
Clock to Up/Down
TH
VDD = 5V
1, 2, 3
+25oC
-
30
ns
VDD = 10V
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial
design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. Reset to Carry Out (TPLH) only.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CD4510BMS, CD4516BMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com