Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4516BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4516BMS
Description  CMOS Presettable Up/Down Counters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4516BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4516BMS Datasheet HTML 1Page - Intersil Corporation CD4516BMS Datasheet HTML 2Page - Intersil Corporation CD4516BMS Datasheet HTML 3Page - Intersil Corporation CD4516BMS Datasheet HTML 4Page - Intersil Corporation CD4516BMS Datasheet HTML 5Page - Intersil Corporation CD4516BMS Datasheet HTML 6Page - Intersil Corporation CD4516BMS Datasheet HTML 7Page - Intersil Corporation CD4516BMS Datasheet HTML 8Page - Intersil Corporation CD4516BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CD4510BMS, CD4516BMS
CMOS Presettable Up/Down Counters
CD4510BMS Presettable BCD Up/Down Counter and the
CD4516BMS Presettable Binary Up/Down counter consist of
four synchronously clocked D-type flip-flops (with a gating
structure to provide T-type flip-flop capability) connected as
counters. These counters can be cleared by a high level on
the RESET line, and can be preset to any binary number
present on the jam inputs by a high level on the PRESET
ENABLE line. The CD4510BMS will count out of non-BCD
counter states in a maximum of two clock pulses in the up
mode, and a maximum of four clock pulses in the down mode.
If the CARRY IN input is held low, the counter advances up or
down on each positive-going clock transition. Synchronous
cascading is accomplished by connecting all clock inputs in
parallel and connecting the CARRY OUT of a less significant
stage to the CARRY IN of a more significant stage.
The CD4510BMS and CD4516BMS can be cascaded in the
ripple mode by connecting the CARRY OUT to the clock of
the next stage. If the UP/DOWN input changes during a ter-
minal count, the CARRY OUT must be gated with the clock,
and the UP/DOWN input must change while the clock is
high. This method provides a clean clock signal to the sub-
sequent counting stage. (See Figures 13, 14.)
These devices are similar to types MC14510 and MC14516.
The CD4510BMS and CD4516BMS are supplied in these
16-lead outline packages:
Features
• High Voltage Types (20V Rating)
• CD4510BMS - BCD Type
• CD4516BMS - Binary Type
• Medium Speed Operation
- fCL = 8MHz Typ. at 10V
• Synchronous Internal Carry Propagation
• Reset and Preset Capability
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Up/Down Difference Counting
• Multistage Synchronous Counting
• Multistage Ripple Counting
• Synchronous Frequency Dividers
Pinout
CD4510BMS, CD4516BMS
TOP VIEW
Functional Diagram
Braze Seal DIP
*H4W
†H45
Frit Seal DIP
*FBF
†H1F
Ceramic Flatpack
H6W
*CD4510B Only
†CD4516B Only
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PRESET ENABLE
Q4
P4
P1
CARRY IN
Q1
VSS
CARRY OUT
VDD
Q3
P3
P2
Q2
UP/DOWN
RESET
CLOCK
Q1
Q2
Q3
Q4
6
11
14
2
P1
P2
P3
P4
4
12
13
3
CARRY OUT
7
CARRY IN
5
RESET
CLOCK
UP/DOWN
10
15
PRESET ENABLE
VDD = 16
VSS = 8
1
9
Data Sheet
December 1992
File Number
3338
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - CD4516BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4516B TI-CD4516B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
CD4516B TI1-CD4516B Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
CD4516B TI2-CD4516B Datasheet
947Kb / 21P
CMOS Presettable Up/Down Counters
Revised July 2003
CD4516B-MIL TI1-CD4516B-MIL Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
CD4516B-MIL TI2-CD4516B-MIL Datasheet
947Kb / 21P
CMOS Presettable Up/Down Counters
Revised July 2003
More results

Similar Description - CD4516BMS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com