Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4516BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4516BMS
Description  CMOS Presettable Up/Down Counters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4516BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4516BMS Datasheet HTML 3Page - Intersil Corporation CD4516BMS Datasheet HTML 4Page - Intersil Corporation CD4516BMS Datasheet HTML 5Page - Intersil Corporation CD4516BMS Datasheet HTML 6Page - Intersil Corporation CD4516BMS Datasheet HTML 7Page - Intersil Corporation CD4516BMS Datasheet HTML 8Page - Intersil Corporation CD4516BMS Datasheet HTML 9Page - Intersil Corporation CD4516BMS Datasheet HTML 10Page - Intersil Corporation CD4516BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 9. TYPICAL MAXIMUM CLOCK INPUT FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION vs
FREQUENCY
Typical Performance Characteristics (Continued)
0
5
SUPPLY VOLTAGE (VDD)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF
10
15
510
15
20
10V
5V
10V
8
6
4
2
8
6
4
2
104
103
10
SUPPLY VOLTS (VDD) = 15V
AMBIENT TEMPERATURE (TA)
tr, tf = 20ns
= +25oC
8
6
4
2
102
8
6
4
2
INPUT FREQUENCY (fCL) (kHz)
01
1
8
6
4
2
10
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
CL = 15pF
CL = 50pF
Test Circuit and Waveform
FIGURE 11. POWER DISSIPATION TEST CIRCUIT AND INPUT WAVEFORM
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CL
CL
CL
CL
CL
100
µF
ID
500
µF
PULSE
GENERATOR
50%
10%
90%
20ns
VDD
20ns
VARIABLE
WIDTH
VSS
Acquisition System
FIGURE 12. TYPICAL 16 CHANNEL, 10 BIT DATA ACQUISITION SYSTEM
16 CHANNEL
MULTIPLEXER
CD4067
SELECT
INPUTS
SAMPLE
AND
HOLD
10 BIT
A/D
CONVERTER
CONVERSION
LOGIC
Q1
Q4
CD4516BMS
AMPLI-
FIER
CLOCK
PRESET ENABLE
END
CLOCK
START
ANALOG
DATA
INPUTS
PARALLEL
DATA
OUTPUTS
PRESET
INPUTS
NOTE:
This acquisition system can be operated in the random access mode by
jamming in the channel number at the present inputs, or in the sequential
mode by clocking the CD4516BMS.
CD4510BMS, CD4516BMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com