Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1826C Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1826C
Description  CMOS 64-Word x 8-Bit Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1826C Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1826C Datasheet HTML 1Page - Intersil Corporation CDP1826C Datasheet HTML 2Page - Intersil Corporation CDP1826C Datasheet HTML 3Page - Intersil Corporation CDP1826C Datasheet HTML 4Page - Intersil Corporation CDP1826C Datasheet HTML 5Page - Intersil Corporation CDP1826C Datasheet HTML 6Page - Intersil Corporation CDP1826C Datasheet HTML 7Page - Intersil Corporation CDP1826C Datasheet HTML 8Page - Intersil Corporation CDP1826C Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6-50
Signal Descriptions
A0 - A4, CS/A5 (Address Inputs): These inputs must be
stable prior to a write operation, but may change asynchro-
nously during Read operations.
In an 1800 system, the multiplexed high-order address bit at
pin CS/A5 can be latched at the end of TPA. A high level will
provide a valid chip select for the CDP1826C. The low-order
address bit which appears after TPA is used for data word
selection. In non-1800 systems, TPA can be tied high to dis-
able the latch and allow the CS/A5 pin to function as a nor-
mal address input.
BUS 0 - BUS 7: 8-bit three-state common input/output data
bus.
TPA: High-order address strobe input. The high-order
address bit at input CS/A5 is latched on the high-to-low tran-
sition of the TPA input. Tie TPA high to disable the CS/A5
latch feature.
CS1, CS2 (Chip Selector): Either chip select (CS1 or CS2),
when not valid, powers down the chip, disables READ and
WRITE functions, and gates off the address and output buffers.
MRD, MWR: Read and Write control signals. MWR over-
rides MRD, allowing the CDP1826C to be controlled from a
single R/W line.
CEO (Chip Enable Output): Allows daisy chaining to addi-
tional memories. CEO is high whenever the CDP1826C is
selected. CEO is only active (low) for a Read cycle with the
CDP1826C deselected and the MRD input low.
VDD, VSS: Power supply connections.
D
C
Q
A0
A1
A2
A3
A4
CS/A5
TPA
CS1
CS2
MWR
MRD
INPUT
ADDRESS
BUFFERS
XY
DECODE
BUS 0
BUS 2
BUS 1
BUS 3
BUS 4
BUS 5
BUS 6
BUS 7
64 x 8
MATRIX
INPUT/OUTPUT
DATA
BUFFERS
AND
CONTROL
FIGURE 2. FUNCTIONAL DIAGRAM
CEO
CDP1826C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com