Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1826C Datasheet(PDF) 7 Page - Intersil Corporation

Part # CDP1826C
Description  CMOS 64-Word x 8-Bit Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1826C Datasheet(HTML) 7 Page - Intersil Corporation

  CDP1826C Datasheet HTML 1Page - Intersil Corporation CDP1826C Datasheet HTML 2Page - Intersil Corporation CDP1826C Datasheet HTML 3Page - Intersil Corporation CDP1826C Datasheet HTML 4Page - Intersil Corporation CDP1826C Datasheet HTML 5Page - Intersil Corporation CDP1826C Datasheet HTML 6Page - Intersil Corporation CDP1826C Datasheet HTML 7Page - Intersil Corporation CDP1826C Datasheet HTML 8Page - Intersil Corporation CDP1826C Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6-53
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD = 5V ± 5%,Input tR, tF = 10ns; CL = 50pF and 1 TTL Load
PARAMETER
LIMITS
UNITS
CDP1826C
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
WRITE - CYCLE TIMES (FIGURES 6 AND 7)
Address to TPA Setup, High Byte
tASH
100
-
-
ns
Address to TPA Hold
tAH
100
-
-
ns
Address Setup, Low Byte
TASL
500
250
-
ns
TPA Pulse Width
tPAW
200
-
-
ns
Chip Select Setup
tCS
700
350
-
ns
Write Pulse Width
tWW
300
200
-
ns
Write Recovery
tWR
100
-
-
ns
Data Setup
tDS
400
200
-
ns
Data Hold from End of MWR
tDH1
100
50
-
ns
Data Hold from End of Chip Select
tDH2
125
50
-
ns
NOTES:
1. Time required by a limit device to allow tor the indicated function.
2. Typical values are for TA = 25
oC and nominal V
DD.
A0 - A5
HIGH ORDER
ADDRESS BYTE
LOW ORDER ADDRESS BYTE
tAA
tAC
tRHZ
tSHZ
VALID CHIP SELECT
HIGH IMPEDANCE
tAM
MRD
CS1
• CS2
BUS
VALID DATA
FIGURE 5. TIMING WAVEFORMS FOR READ-CYCLE 2 (TPA HIGH)
CDP1826C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com