Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776 Datasheet(PDF) 4 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 4 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
µµµµPC2776TB
TEST CIRCUIT
VCC
1 000 pF
1 000 pF
1 000 pF
C1
C2
L
4
6
1
2, 3, 5
50
Ω
50
Ω
OUT
IN
C3
Components of test circuit for
measuring electrical characteristics
Example of actural application components
TYPE
VALUE
TYPE
VALUE
OPERATING FREQUENCY
C3
Capacitor
1 000 pF
C1 to C3
Chip capacitor
1 000 pF
100 MHz or higher
L
Bias Tee
1 000 nH
L
Chip inductor
100 nH
100 MHz or higher
C1 to C2
Bias Tee
1 000 pF
10 nH
1.0 GHz or higher
INDUCTOR FOR THE OUTPUT PIN
The internal output transistor of this IC consumes 20 mA, to output medium power. To supply current for output
transistor, connect an inductor between the VCC pin (pin 6) and output pin (pin 4). Select large value inductance, as
listed above.
The inductor has both DC and AC effects. In terms of DC, the inductor biases the output transistor with minimum
voltage drop to output enable high level. In terms of AC, the inductor make output-port impedance higher to get
enough gain. In this case, large inductance and Q is suitable.
CAPACITORS FOR THE VCC, INPUT, AND OUTPUT PINS
Capacitors of 1 000 pF are recommendable as the bypass capacitor for the VCC pin and the coupling capacitors
for the input and output pins.
The bypass capacitor connected to the VCC pin is used to minimize ground impedance of VCC pin. So, stable bias
can be supplied against VCC fluctuation.
The coupling capacitors, connected to the input and output pins, are used to cut the DC and minimize RF serial
impedance. Their capacitance are therefore selected as lower impedance against a 50
Ω load. The capacitors thus
perform as high pass filters, suppressing low frequencies to DC.
To obtain a flat gain from 100 MHz upwards, 1 000 pF capacitors are used in the test circuit. In the case of under
10 MHz operation, increase the value of coupling capacitor such as 10 000 pF. Because the coupling capacitors are
determined by equation, C = 1/(2
πRfc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com