Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776 Datasheet(PDF) 7 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 7 Page - NEC

Back Button UPC2776 Datasheet HTML 3Page - NEC UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC UPC2776 Datasheet HTML 10Page - NEC UPC2776 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
µµµµPC2776TB
+15
+10
+5
0
–5
–10
–15
–20
–35 –30 –25
–25
–20 –15
Input Power - Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–10
–5
0
+5
+10
+15
+10
+5
0
–5
–10
–15
–20
20
18
16
14
12
10
8
6
4
2
0
–35 –30
0.1
–60
–50
–40
–30
–20
–10
–10 –8
–6
–4
–2
0
Output Power of Each Tone - PO (each) (dBm)
+2
+4
+6
+8 +10
0.3
Frequency - f (GHz)
SATURATED OUTPUT POWER vs. FREQUENCY
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
1.0
3.0
–20 –15
Input Power - Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–10
–5
0
+5
+10
+15
+10
+5
0
–5
–10
–15
–20
–35 –30 –25 –20 –15
Input Power - Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–10
–5
0
+5
+10
+15
+10
+5
0
–5
–10
–15
–20
–35 –30 –25 –20 –15
Input Power - Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–10
–5
0
+5
+10
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
f = 1.0 GHz
TA = +85 °C
TA = +25 °C
TA = –40 °C
VCC = 5.0 V
f = 1.0 GHz
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
f = 2.0 GHz
f = 2.0 GHz
f = 1.0 GHz
VCC = 5.0 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
f1 = 1000 MHz
f2 = 1002 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com