Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776 Datasheet(PDF) 9 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 9 Page - NEC

Back Button UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC UPC2776 Datasheet HTML 10Page - NEC UPC2776 Datasheet HTML 11Page - NEC UPC2776 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
µµµµPC2776TB
Typical S-Parameter Values (TA = +25 °C)
µPC2776TB
VCC = Vout = 5.0 V, ICC = 27 mA
FREQUENCY
S11
S21
S12
S22
K
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
.226
2.8
13.844
–5.9
.029
–1.5
.032
–177.4
1.39
200.0000
.240
6.4
13.862
–12.5
.029
0.3
.024
–171.9
1.39
300.0000
.254
10.4
13.942
–18.6
.028
3.2
.030
–176.3
1.40
400.0000
.267
11.4
14.123
–25.2
.029
4.8
.031
–167.6
1.36
500.0000
.285
11.1
14.267
–31.8
.029
7.2
.037
–167.3
1.33
600.0000
.308
8.5
14.423
–38.6
.029
9.3
.038
–159.3
1.28
700.0000
.345
6.1
14.670
–45.5
.030
10.7
.040
–160.7
1.22
800.0000
.386
3.9
14.864
–52.8
.030
11.0
.043
–161.9
1.18
900.0000
.425
1.4
15.210
–60.1
.031
11.9
.055
–169.0
1.12
1000.0000
.449
–1.5
15.455
–68.4
.030
11.8
.072
–169.1
1.10
1100.0000
.466
–6.1
15.564
–76.6
.030
10.6
.084
–169.1
1.08
1200.0000
.478
–12.0
15.550
–84.9
.030
11.7
.093
–173.6
1.07
1300.0000
.507
–17.7
15.622
–93.1
.030
13.4
.094
177.9
1.05
1400.0000
.533
–24.7
15.577
–101.3
.029
13.2
.114
167.0
1.05
1500.0000
.564
–30.3
15.527
–110.6
.029
13.5
.130
164.1
1.02
1600.0000
.568
–36.4
15.285
–119.0
.027
11.3
.154
158.0
1.07
1700.0000
.576
–42.0
14.960
–127.8
.026
12.6
.167
152.6
1.09
1800.0000
.571
–48.5
14.570
–136.4
.024
14.8
.179
143.0
1.18
1900.0000
.570
–54.5
14.026
–144.7
.023
15.8
.194
135.2
1.27
2000.0000
.569
–59.7
13.715
–151.7
.022
18.2
.212
128.1
1.35
2100.0000
.564
–64.2
13.283
–159.8
.020
23.5
.228
121.6
1.48
2200.0000
.548
–69.6
12.926
–167.5
.018
27.1
.240
115.9
1.66
2300.0000
.535
–75.5
12.515
–174.8
.018
36.3
.251
108.1
1.75
2400.0000
.516
–81.8
12.093
177.9
.016
41.9
.268
102.4
2.01
2500.0000
.515
–87.0
11.498
170.1
.017
53.3
.279
96.0
1.99
2600.0000
.508
–90.9
11.136
163.1
.015
64.3
.296
90.8
2.22
2700.0000
.503
–94.8
10.511
156.6
.015
67.9
.306
86.7
2.29
2800.0000
.489
–97.6
10.126
148.3
.018
85.0
.315
79.2
2.00
2900.0000
.471
–101.3
9.850
143.2
.019
93.7
.330
73.0
1.96
3000.0000
.457
–106.7
9.242
135.5
.022
100.0
.343
67.0
1.81
3100.0000
.455
–111.3
9.065
128.9
.026
108.0
.357
60.7
1.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com