Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776 Datasheet(PDF) 1 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 1 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Caution: Electro-static sensitive devices
BIPOLAR ANALOG INTEGRATED CIRCUITS
µµµµPC2776TB
5 V, SUPER MINIMOLD SILICON MMIC
MEDIUM OUTPUT POWER AMPLIFIER
1997
©
Document No. P12680EJ2V0DS00 (2nd edition)
Date Published February 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPC2776TB is a silicon monolithic integrated circuits designed as wideband amplifier. This amplifier has
impedance near 50
Ω in HF band, so this IC suits to the system of HF to L band. This IC is packaged in super
minimold package which is smaller than conventional minimold.
The
µPC2776TB has compatible pin connections and performance to the µPC2776T of conventional minimold
version. So, in the case of reducing your system size, the
µPC2776TB is suitable to replace from the µPC2776T.
These IC is manufactured using NEC’s 20 GHz fT NESAT™ III silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
•
High-density surface mounting: 6-pin super minimold package
•
Wideband response
: fu = 2.7 GHzTYP. @ 3 dB bandwidth
•
Medium output power
: Po (1 dB) = +6.5 dBm @ f = 1 GHz with external inductor
•
Supply voltage
: VCC = 4.5 to 5.5 V
•
Power gain
: GP = 23 dBTYP. @ f = 1 GHz
•
Port impedance
: input/output 50
Ω
APPLICATION
•
Systems required wideband operation from HF to 2.0 GHz
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING
SUPPLYING FORM
µPC2776TB-E3
6-pin super minimold
C2L
Embossed tape 8 mm wide.
1, 2, 3 pins face to perforation side of the tape.
Qty 3 kp/reel.
Remarks To order evaluation samples, please contact your local NEC sales office. (Part number for sample
order:
µPC2776TB)


Similar Part No. - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2776 NEC-UPC2776 Datasheet
44Kb / 3P
2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
UPC2776T NEC-UPC2776T Datasheet
44Kb / 3P
2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
logo
California Eastern Labs
UPC2776TB CEL-UPC2776TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB CEL-UPC2776TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2776TB NEC-UPC2776TB Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Similar Description - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com