Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC658AP Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDC658AP
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDC658AP Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDC658AP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
■
Features
●
VDS (V) =-30V
●
ID =-4 A (VGS =-10V)
●
RDS(ON) < 50mΩ (VGS =-10V)
●
RDS(ON) < 75mΩ (VGS =-4.5V)
●
Low Gate Charge
1
2
3
4
5
6
Unit: mm
0.15 +0.02
-0.02
SOT-23-6
(
)
+0.01
-0.01
+0.2
-0.1
0.4-0.1
+0.1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
25
Continuous Drain Current
(Note.1)
ID
-4
Pulsed Drain Current
IDM
-20
1.6
0.8
Thermal Resistance.Junction- to-Ambient
(Note.1)
RthJA
78
Thermal Resistance.Junction- to-Case
RthJC
30
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
Power Dissipation
PD
W
V
℃
/W
A
℃
Note.1: 78℃/W when mounted on a 1 in pad of 2 oz copper
Note.2: 156℃/W whe mounted on a minimum pad of 2 oz copper
(Note.1)
(Note.2)
2
1.Drain
2.Drain
3.Gate
4.Source
5.Drain
6.Drain
5
1
6
2
3
4
P-Channel MOSFET
FDC658AP (KDC658AP)


Similar Part No. - FDC658AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC658AP FAIRCHILD-FDC658AP Datasheet
275Kb / 5P
Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDC658AP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com