Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC658AP Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDC658AP
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDC658AP Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  FDC658AP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
■
Typical Characterisitics
Figure 7.
0
2
4
6
8
10
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -4A
VDS = -5V
-10V
-15V
Gate Charge Characteristics
Figure 8.
0
150
300
450
600
0
6
12
18
24
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
Capacitance vs Drain to Source Voltage
Figure 9.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN TO SOURCE VOLTAGE (V)
DC
1s
100ms
100us
rDS(on) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 156oC/W
TA = 25oC
10ms
1ms
Forward Bias Safe Operating Area
Figure 10.
0
2
4
6
8
10
0.01
0.1
1
10
100
t, PULSE WIDTH (s)
SINGLE PULSE
RθJA = 156°C/W
TA = 25°C
Single Pulse Maximum Power
Dissipation
Figure 11.
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t, RECTANGULARPULSE DURATION
RθJA(t) = r(t) + RθJA
RθJA = 156oC/W
TJ - TA = P* RθJA(t)
Duty Cycle, D= t1/ t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D= 0.5
Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
P-Channel MOSFET
FDC658AP (KDC658AP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com