Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC658AP Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDC658AP
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDC658AP Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDC658AP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDC658AP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
μ
A
Gate-Body leakage current
IGSS
VDS=0V, VGS=± 25 V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1
-3
V
VGS=-10V, ID=-4A
50
VGS=-10V, ID=-4A TJ=125℃
70
VGS=-4.5V, ID=-3.4A
75
On state drain current
ID(ON)
VGS=-10V, VDS=-5V
(Note.1)
-20
A
Forward Transconductance
gFS
VDS=-5V, ID=-4A (Note.1)
8.4
S
Input Capacitance
Ciss
470
Output Capacitance
Coss
126
Reverse Transfer Capacitance
Crss
61
Total Gate Charge
Qg
8.1
Gate Source Charge
Qgs
2.1
Gate Drain Charge
Qgd
2
Turn-On DelayTime
td(on)
14
Turn-On Rise Time
tr
22
Turn-Off DelayTime
td(off)
29
Turn-Off Fall Time
tf
12
Maximum Body-Diode Continuous Current
IS
-1.3
A
Diode Forward Voltage
VSD
IS=-1.3A,VGS=0V
-1.2
V
pF
nC
ns
mΩ
(Note.1)
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-15V, f=1MHz
VGS=-5V, VDS=-15V, ID=-4A (Note.1)
Note.1:Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%
■
Marking
Marking
.58A
P-Channel MOSFET
FDC658AP (KDC658AP)
VDD = -15V, ID = -1A
VGS = -10V, RGEN = 6Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com