Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 7 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP12_15 Datasheet HTML 3Page - Analog Devices TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices TMP12_15 Datasheet HTML 10Page - Analog Devices TMP12_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
TMP12
–7–
K
C
F
VPTAT
218
248
273
298
323
348
373
398
–55
–25 –18
0
25
50
75
100
125
–67
1.09
–25
0
32 50
77 100
150
200 212
257
1.24
1.365
1.49
1.615
1.74
1.865
1.99
Figure 6. Temperature, VPTAT Scale
The preceding formulas are also helpful in understanding the
calculations of temperature setpoint voltages in circuits other
than the standard two-temperature thermal/airflow monitor. If a
setpoint function is not needed, the appropriate comparator
input should be disabled. SETHIGH can be disabled by tying it
to V+ or to VREF; SETLOW by tying it to GND. Either
output can be left disconnected.
Selecting Setpoints
Choosing the temperature setpoints for a given system is an
empirical process because of the wide variety of thermal issues
in any practical design. The specific setpoints are dependent on
factors such as airflow velocity in the system, adjacent component
location and size, PCB thickness, location of copper ground
planes, and thermal limits of the system.
The TMP12’s temperature rise above ambient is proportional
to airflow (TPC 1 and Figure 2). As a starting point, the low
setpoint temperature could be set at the system ambient tem-
perature (inside the enclosure) plus one-half of the temperature
rise above ambient (at the actual airflow in the system). With
this setting, the low limit will provide a warming either if the fan
output is reduced or if the ambient temperature rises (for example,
if the fan’s cool air intake is blocked). The high setpoint could
then be set for the maximum system temperature to provide a
final system shutdown control.
Measuring the TMP12 Internal Temperature
As previously mentioned, the TMP12’s VPTAT generator rep-
resents the chip temperature with a slope of 5 mV/K. In some
cases, selecting the setpoints is made easier if the TMP12’s internal
VPTAT voltage (and therefore, the chip temperature) is known.
For example, the case temperature of a high power micropro-
cessor can be monitored with a thermistor, thermocouple, or
other measurement method. The case temperature can then be
correlated with the TMP12’s temperature to select the
setpoints.
The TMP12’s VPTAT voltage is not available externally, so indi-
rect methods must be used. Since the VPTAT voltage is applied
to the internal comparators, measuring the voltage at which the
digital output changes state will reflect the VPTAT voltage.
A simple method of measuring the TMP12 VPTAT is shown in
Figure 7. To measure VPTAT, adjust potentiometer R1 until
the LED turns on. The voltage at Pin 2 of the TMP12 will
then match the TMP12’s internal VPTAT.
TMP12
VREF
SET
HIGH
SET
LOW
GND
V+
OVER
UNDER
HEATER
1
8
2
7
3
6
4
5
VPTAT
R1
200k
R1
200k
330
5V
5V
LED
NC
5V
NC = NO CONNECT
Figure 7. Measuring VPTAT with a Potentiometer
The method described in Figure 7 can be automated by replacing
the discrete resistors with a digital potentiometer. The improved
circuit, shown in Figure 8, permits the VPTAT voltage to be
monitored with a microprocessor or other digital controller. The
AD8402-100 provides two 100 k
Ω potentiometers, which are
adjusted to 8-bit resolution via a 3-wire serial interface. The
controller simply sweeps the wiper of potentiometer l from the
Al terminal to the Bl terminal (digital value = 0), while monitor-
ing the comparator output at Pin 7 of the TMP12. When Pin 7
goes low, the voltage at Pin 2 equals the VPTAT voltage. This
circuit sweeps Pin 2’s voltage from maximum to minimum, so
that the TMP12’s setpoint hysteresis will not affect the reading.
NC
5V
NC = NO CONNECT
NC
13
12
14
3
4
2
A1
W1
B1
A2
W2
B2
15
AD8402–100
DGND
AGND
SHDN
RS
VDD
5V
9
8
7
OVER
CS
CLK
SDI
C
INTERFACE
8
7
6
5
1
2
3
4
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
VREF
WINDOW
COMPARATOR
HYSTERESIS
GENERATOR
100
TMP12
VPTAT
Figure 8. Measuring VPTAT with a Digital Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com