Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 3 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 3 Page - Analog Devices

  TMP12_15 Datasheet HTML 1Page - Analog Devices TMP12_15 Datasheet HTML 2Page - Analog Devices TMP12_15 Datasheet HTML 3Page - Analog Devices TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
TMP12
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the TMP12 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +11 V
Heater Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Setpoint Input Voltage . . . . . . . . . . . –0.3 V to [(V+) + 0.3 V]
Reference Output Current . . . . . . . . . . . . . . . . . . . . . . . 2 mA
Open-Collector Output Current . . . . . . . . . . . . . . . . . 50 mA
Open-Collector Output Voltage . . . . . . . . . . . . . . . . . . . . 15 V
Operating Temperature Range . . . . . . . . . . –55
°C to +150°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . 300
°C
Package Type
JA
JC
Unit
8-Lead SOIC (S)
158
1
43
2
°C/W
NOTES
1
JA is specified for device in socket (worst-case conditions).
2
JC is specified for device mounted on PCB.
*CAUTION
1. Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation at or above this specifi-
cation is not implied. Exposure to the above maximum rating
conditions for extended periods may affect device reliability.
2. Digital inputs and outputs are protected; however, permanent
damage may occur on unprotected units from high-energy
electrostatic fields. Keep units in conductive foam or packag-
ing at all times until ready to use. Use proper antistatic handling
procedures.
3. Remove power before inserting or removing units from their
sockets.
ORDERING GUIDE
Temperature
Package
Package
Model/Grade
Range
Description Option
TMP12FS
–40
°C to +85°C
SOIC
R-8
TMP12FS-REEL
–40
°C to +125°C SOIC
R-8
FUNCTIONAL DESCRIPTION
The TMP12 incorporates a heating element, temperature sensor,
and two user-selectable setpoint comparators on a single substrate.
By generating a known amount of heat, and using the setpoint
comparators to monitor the resulting temperature rise, the TMP12
can indirectly monitor the performance of a system’s cooling fan.
The TMP12 temperature sensor section consists of a band gap
voltage reference that provides both a constant 2.5 V output and
a voltage that is proportional to absolute temperature (VPTAT).
The VPTAT has a precise temperature coefficient of 5 mV/K
and is 1.49 V (nominal) at 25
°C. The comparators compare
VPTAT with the externally set temperature trip points and
generate an open-collector output signal when one of their
respective thresholds has been exceeded.
The heat source for the TMP12 is an on-chip 100
Ω low tempco
thin-film resistor. When connected to a 5 V source, this resistor
dissipates
P
V
R
V
W
D ==
=
2
2
5
100
025
Ω
.
which generates a temperature rise of about 32
°C in still air
for the SOIC packaged device. With an airflow of 450 feet
per minute (FPM), the temperature rise is about 22
°C. By
selecting a temperature setpoint between these two values,
the TMP12 can provide a logic-level indication of problems
in the cooling system.
A proprietary, low tempco thin-film resistor process, in conjunction
with production laser trimming, enables the TMP12 to provide a
temperature accuracy of
±3°C (typ) over the rated temperature
range. The open-collector outputs are capable of sinking 20 mA,
allowing the TMP12 to drive small control relays directly. Oper-
ating from a single 5 V supply, the quiescent current is only
600
µA (max), without the heater resistor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com