Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 1 Page - Analog Devices

  TMP12_15 Datasheet HTML 1Page - Analog Devices TMP12_15 Datasheet HTML 2Page - Analog Devices TMP12_15 Datasheet HTML 3Page - Analog Devices TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Airflow and Temperature Sensor
FUNCTIONAL BLOCK DIAGRAM
HYSTERESIS
CURRENT
CURRENT
MIRROR
TMP12
IHYS
WINDOW
COMPARATOR
HYSTERESIS
VOLTAGE
1k
100
VOLTAGE
REFERENCE
AND
SENSOR
VREF
SET
HIGH
SET
LOW
GND
V+
OVER
UNDER
HEATER
PIN CONNECTION
8-Lead SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VREF
V+
TMP12
SET HIGH
OVER
SET LOW
UNDER
GND
HEATER
FEATURES
Temperature Sensor Includes 100
Heater
Heater Provides Power IC Emulation
Accuracy
3 Typ from –40 C to +100 C
Operation to 150 C
5 mV/ C Internal Scale Factor
Resistor Programmable Temperature Setpoints
20 mA Open-Collector Setpoint Outputs
Programmable Thermal Hysteresis
Internal 2.5 V Reference
Single 5 V Operation
400
A Quiescent Current (Heater Off)
Minimal External Components
APPLICATIONS
System Airflow Sensor
Equipment Overtemperature Sensor
Overtemperature Protection
Power Supply Thermal Sensor
Low Cost Fan Controller
TMP12
GENERAL DESCRIPTION
The TMP12 is a silicon-based airflow and temperature sensor
designed to be placed in the same airstream as heat generating
components that require cooling. Fan cooling may be required
continuously or during peak power demands. For example, if
the cooling systems of a power supply fails, system reliability
and/or safety may be impaired. By monitoring temperature
while emulating a power IC, the TMP12 can provide a warning
of cooling system failure.
The TMP12 generates an internal voltage that is linearly propor-
tional to Celsius (Centigrade) temperature, nominally 5 mV/
°C.
The linearized output is compared with voltages from an exter-
nal resistive divider connected to the TMP12’s 2.5 V precision
reference. The divider sets up one or two reference voltages, as
required by the user, providing one or two temperature setpoints.
Comparator outputs are open-collector transistors able to sink
over 20 mA. There is an on-board hysteresis generator provided
to speed up the temperature-setpoint output transitions; this
also reduces erratic output transitions in noisy environments.
Hysteresis is programmed by the external resistor chain and
is determined by the total current drawn from the 2.5 V reference.
The TMP12 airflow sensor also incorporates a precision, low
temperature coefficient 100
Ω heater resistor that may be con-
nected directly to an external 5 V supply. When the heater is
activated, it raises the die temperature approximately 20
°C
above ambient (in still air). The purpose of the heater in the
TMP12 is to emulate a power IC, such as a regulator or Pentium®
CPU, which has a high internal dissipation.
When subjected to a fast airflow, the package and die tempera-
tures of the power device and the TMP12 (if located in the
same airstream) will be reduced by an amount proportional to
the rate of airflow. The internal temperature rise of the TMP12
may be reduced by placing a resistor in series with the heater, or
by reducing the heater voltage.
The TMP12 is intended for single 5 V supply operation, but will
operate on a 12 V supply. The heater is designed to operate from
5 V only. Specified temperature range is from –40
°C to +125°C,
and operation extends to 150
°C at 5 V with reduced accuracy.
The TMP12 is available in 8-lead SOIC packages.


Similar Part No. - TMP12_15

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-12 TRUMPOWER-TMP120-12 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-15 TRUMPOWER-TMP120-15 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-18 TRUMPOWER-TMP120-18 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP120-19 TRUMPOWER-TMP120-19 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP12_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP12 AD-TMP12 Datasheet
446Kb / 14P
Airflow and Temperature Sensor
REV.0
logo
Extech Instruments Corp...
45170 EXTECH-45170 Datasheet
106Kb / 6P
4-in-1 Humidity, Temperature Airflow and Light Meter
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
MEMS Airflow Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A_10 Datasheet
568Kb / 6P
MEMS Airflow Sensor
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
MASS AIRFLOW SENSOR
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
MASS AIRFLOW SENSOR
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
MASS AIRFLOW SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com