Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP12 Datasheet(PDF) 9 Page - Analog Devices

Part # TMP12
Description  Airflow and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP12 Datasheet(HTML) 9 Page - Analog Devices

Back Button TMP12_15 Datasheet HTML 4Page - Analog Devices TMP12_15 Datasheet HTML 5Page - Analog Devices TMP12_15 Datasheet HTML 6Page - Analog Devices TMP12_15 Datasheet HTML 7Page - Analog Devices TMP12_15 Datasheet HTML 8Page - Analog Devices TMP12_15 Datasheet HTML 9Page - Analog Devices TMP12_15 Datasheet HTML 10Page - Analog Devices TMP12_15 Datasheet HTML 11Page - Analog Devices TMP12_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
TMP12
–9–
Preserving Accuracy Over Wide Temperature Range
Operation
The TMP12 is unique in offering both a wide-range temperature
sensor and the associated detection circuitry needed to imple-
ment a complete thermostatic control function in one monolithic
device. The voltage reference, setpoint comparators, and output
buffer amplifiers have been carefully compensated to maintain
accuracy over the specified temperature ranges in this applica-
tion. Since the TMP12 is both sensor and control circuit, in
many applications, the external components used to program
and interface the device are subjected to the same temperature
extremes. Thus, it is necessary to place components in close
thermal proximity minimizing large temperate differentials, and
to account for thermal drift errors where appropriate, such as
resistor matching temperature coefficients, amplifier error drift,
and the like. Circuit design with the TMP12 requires a slightly
different perspective regarding the thermal behavior of electronic
components.
PC Board Layout Considerations
The TMP12 also requires a different perspective on PC board
layout. In many applications, wide traces and generous ground
planes are used to extract heat from components. The TMP12
is slightly different in that ideal path for heat is via the cooling
system air flow. Thus, heat paths through the PC traces should
be minimized. This constraint implies that minimum pad sizes
and trace widths should be specified to reduce heat conduc-
tion. At the same time, analog performance should not be
compromised. In particular, the bottom of the setpoint resistor
ladder should be located as close to GND as possible, as
discussed in the Understanding Error Sources section of this
data sheet.
Thermal Response Time
The time required for a temperature sensor to settle to a specified
accuracy is a function of the thermal mass of the sensor and
the thermal conductivity between the sensor and the object being
sensed. Thermal mass is often considered equivalent to capaci-
tance. Thermal conductivity is commonly specified using the
symbol Q, and is the inverse of thermal resistance. It is commonly
specified in units of degrees per watt of power transferred across
the thermal joint. TPCs 2 and 4 illustrate the typical RC time
constant response to a step change in ambient temperature. Thus,
the time required for the TMP12 to settle to the desired accuracy is
dependent on the package selected, the thermal contact established
in the particular application, and the equivalent thermal conductiv-
ity of the heat source. For most applications, the settling time is
probably best determined empirically.
Switching Loads with the Open-Collector Outputs
In many temperature sensing and control applications, some
type of switching is required. Whether it be to turn on a heater
when the temperature goes below a minimum value or to turn
off a motor that is overheating, the open-collector outputs can
be used. For the majority of applications, the switches used need
to handle large currents on the order of 1 A and above. Because the
TMP12 is accurately measuring temperature, the open-collector
outputs should handle less than 20 mA of current to minimize
self-heating. Clearly, the trip point outputs should not drive the
equipment directly. Instead, an external switching device is
required to handle the large currents. Some examples of these
are relays, power MOSFETs, thyristors, IGBTs, and Darlington
transistors.
This section shows a variety of circuits where the TMP12 con-
trols a switch. The main consideration in these circuits, such as
the relay in Figure 10, is the current required to activate the switch.
NC
12V
NC = NO CONNECT
R1
R2
R3
IN4001
OR EQUIV
140
MOTOR
SHUTDOWN
2604-12-311
COTO
12V
8
7
6
5
1
2
3
4
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
VREF
WINDOW
COMPARATOR
HYSTERESIS
GENERATOR
100
TMP12
VPTAT
Figure 10. Reed Relay Drive
It is important to check the particular relay you choose to ensure
that the current needed to activate the coil does not exceed the
TMP12’s recommended output current of 20 mA. This is easily
determined by dividing the relay coil voltage by the specified
coil resistance. Keep in mind that the inductance of the relay
will create large voltage spikes that can damage the TMP12
output unless protected by a commutation diode across the coil,
as shown. The relay shown has a contact rating of 10 W maxi-
mum. If a relay capable of handling more power is desired, the
larger contacts will probably require a commensurably larger
coil, with lower coil resistance and thus higher trigger current.
As the contact power handling capability increases, so does the
OP193
VPTAT
200k
TMP12
VREF
SET
HIGH
SET
LOW
GND
V+
OVER
UNDER
HEATER
1
8
2
7
3
6
4
5
5V
NC
5V
NC = NO CONNECT
NC
5V
300k
130k
1 F
–1.5V
10k
0.1 F
Figure 9. An Analog Measurement Circuit for VPTAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com