Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4287 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 2Page - STMicroelectronics AN4287 Datasheet HTML 3Page - STMicroelectronics AN4287 Datasheet HTML 4Page - STMicroelectronics AN4287 Datasheet HTML 5Page - STMicroelectronics AN4287 Datasheet HTML 6Page - STMicroelectronics AN4287 Datasheet HTML 7Page - STMicroelectronics AN4287 Datasheet HTML 8Page - STMicroelectronics AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
General information
AN4287
6/27
DocID024464
Rev 2
2
General information
2.1
Mission profile
The assumed mission profile is:
•
Lifetime: 20 years;
•
Total operating hours: 12000 hours;
•
Trip time(a): 10 hours;
•
Process Safety Time(b): 10 ms.
2.2
Safe state
By definition, the Safe states of the SPC564A7x/SPC564A80 are as follows:
•
Completely unpowered;
•
Reset;
•
Operating correctly;
•
Explicitly indicating an internal error.
If the SPC564A7x/SPC564A80 signals an internal failure, the surrounding subsystem shall
no longer use the SPC564A7x/SPC564A80 outputs for safety functions since these signals
are no longer considered reliable. If an error is indicated, the system must be able to remain
in a Safe state without any additional actions. Depending on its configuration, the system
may disable, or reset, the SPC564A7x/SPC564A80 as a reaction to the error signal.
Suggested: the system must transition the system itself to a safe state when an error is
indicated.
2.3
Failure indication time
The SPC564A7x/SPC564A80 failure indication time must be taken into consideration when
determining application safety strategies, because it must be less than the FTTI.
2.4
Error handling
Error handling can be split into two categories:
•
Handling of errors during run-time;
•
Handling of errors during boot-time.
Suggested: run-time failures shall be handled in a time shorter than the FTTI.
Suggested: boot-time failures shall be handled before the safety application starts.
a.
Trip time is defined as the maximum MCU operation time without Power-On Reset.
b.
Process Safety Time (PST), also named Fault Tolerance Time Interval (FTTI), is maximum time between the
first faulty output and a failure indication or reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com