Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4287 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics AN4287 Datasheet HTML 15Page - STMicroelectronics AN4287 Datasheet HTML 16Page - STMicroelectronics AN4287 Datasheet HTML 17Page - STMicroelectronics AN4287 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Functional safety requirements for application software
AN4287
14/27
DocID024464
Rev 2
Double Write PWM Outputs
Implementation hint: Each double write can be implemented using two pads configured as
eMIOS200 channel by the SIU unit and configured as PWM by eMIOS200 module. PWM
set of data (duty cycle and period) shall be applied by software. The two selected pads shall
not be physically adjacent to minimize CCFs. SIU pads can be configured via the relevant
pad configuration registers (PCRn). eTPU2 channels instead of eMIOS200 channels can be
used.
3.10
Enhanced Queued Analog-to-Digital Converter (eQADC)
The SPC564A7x/SPC564A80 device is equipped with one eQADC module integrating two
analog-to-digital converter macro-cells.
Suggested: acquisition of some reference voltages shall be done. These specific software
countermeasures can run once after the Power-On Reset (POR) before running the SIF
and/or once per FTTI.
Rationale: to check the integrity of the eQADC module.
Implementation hint: some eQADC channels are internally connected to some reference
voltages as Buffered Band Gap, Reference Voltage for 1.2 V LVD and so on (refer to the
SPC564A7x/SPC564A80 Reference Manual to have all additional details).
Moreover recommendation is to acquire analog input redundantly.
This module, if safety relevant, shall be used to implement the following function:
•
Double read analog inputs;
•
Additional mechanisms.
3.10.1
Double read analog inputs
Suggested: safety relevant analog inputs shall be acquired redundantly using both analog-
to-digital converter macro-cells integrated in the eQADC module. The measured values
shall be compared by software.
Rationale: to verify that the two measured analog input values match.
Implementation hint: shared channels shall not be used for double read operation in order
to avoid CCFs due to the pad sharing.
Implementation hint: SIU pads can be configured via the relevant pad configuration
registers (PCRn).
3.10.2
Additional mechanisms
The two analog-to-digital converter macro-cells share the same digital interface. To increase
the diagnostic coverage against failures impacting this common logic, some additional
counter measures can be developed. For example:
•
Oversampling;
•
Plausibility check.
Suggested: the analog inputs shall be acquired redundantly in time.
Rationale: to increase the diagnostic coverage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com