Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4287 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 6Page - STMicroelectronics AN4287 Datasheet HTML 7Page - STMicroelectronics AN4287 Datasheet HTML 8Page - STMicroelectronics AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Functional safety requirements for application software
AN4287
10/27
DocID024464
Rev 2
Interrupt Service Routine (ISR) code and missing interrupts, if they are synchronous, can be
detected checking the program flow.
3.7
Enhanced Direct Memory Access (eDMA)
Suggested: considering that no specific hardware protection is implemented against
failures in the eDMA, spurious/missing eDMA requests caused by Electromagnetic
Interference (EMI) or by bit flips in the interrupt registers of the peripherals, applications not
resilient against such errors shall include detection or protection software countermeasures.
These specific software countermeasures can run once after the Power-On Reset (POR)
before running the SIF.
Rationale: to verify eDMA requests are serviced correctly.
Implementation hint: specific software countermeasures shall be implemented to detect
eDMA permanent faults. These specific software countermeasures are application-
dependent.
3.8
Communication peripherals
The SPC564A7x/SPC564A80 includes the following communication peripherals:
•
FlexCAN;
•
Deserial Serial Peripheral Interface (DSPI);
•
FlexRay Communication Controller (FlexRay);
•
Enhanced Serial Communication Interface (eSCI).
Suggested: an appropriate safety software protocol should be utilized (e.g. Fault Tolerant
Communication Layer or FTCOM) for any communication peripheral employed to meet
safety application requirements.
3.9
I/O peripherals
The SPC564A7x/SPC564A80 includes the following I/O peripherals:
•
System Integration Unit Lite (SIUL);
•
Configurable Enhanced Modular IO Subsystem (eMIOS200);
•
Enhanced Time Processing Unit (eTPU2).
These modules shall be used to implement the following functions if they are part of the
application:
•
Read digital inputs;
•
Read PWM inputs;
•
Write digital outputs;
•
Write PWM outputs.
3.9.1
Read digital inputs
Suggested: digital inputs shall be acquired redundantly. Each double acquisition can be
implemented using two pads configured as GPIs by the SIU unit. Digital input signal shall be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com