Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4287 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics AN4287 Datasheet HTML 15Page - STMicroelectronics AN4287 Datasheet HTML 16Page - STMicroelectronics AN4287 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID024464
Rev 2
13/27
AN4287
Functional safety requirements for application software
Figure 1. Block scheme of external/internal read-back
Single write PWM output with read-back
Implementation hint: Two pins are used to implement this function. One pin to generate
the PWM output and another pin to read-back this PWM to check its integrity.
Each single write with read-back can be implemented using pads configured as eMIOS200
channel by the SIU unit and configured as PWM by eMIOS200 module.
PWM set of data (duty cycle and period) shall be applied by software. The read-back shall
be done using the external configuration or the internal. SIU pads shall be configured as
follows:
•
External read-back: one SIU pad is configured as eMIOS200 channel by the SIU unit
and configured with input capture feature by eMIOS200 module to allow read-back of
the output written on the output pad. The loop-back is done with an external connection
outside the device. In case of External read-back, the two selected pads shall not be
physically adjacent;
•
Internal read-back(d): one SIU pad is configured as eMIOS200 channel by the SIU unit
and configured with input capture feature by eMIOS200 module to allow read-back of
the output write on the selected pad. The loop-back is done via an internal read path.
The two selected pads shall not be physically adjacent to minimize CCFs. SIU pads can be
configured via the relevant pad configuration registers (PCRn). eTPU2 channels instead of
eMIOS200 channels can be used.
d.
Internal read back does not cover package faults (e.g. wire bond). Refer to the specific reference manual to
verify the availability of the internal read path.
SIUL
O
I
External Readback
Configuration
SIUL
O
Internal Readback
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com