Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4371 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 2Page - STMicroelectronics AN4371 Datasheet HTML 3Page - STMicroelectronics AN4371 Datasheet HTML 4Page - STMicroelectronics AN4371 Datasheet HTML 5Page - STMicroelectronics AN4371 Datasheet HTML 6Page - STMicroelectronics AN4371 Datasheet HTML 7Page - STMicroelectronics AN4371 Datasheet HTML 8Page - STMicroelectronics AN4371 Datasheet HTML 9Page - STMicroelectronics AN4371 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADC built-in self-test
AN4371
6/29
DocID025337 Rev 1
Figure 1. ADC block diagram
1.2
ADC self-test important note
In case of Injected conversions, test channel conversion is not performed. It is performed
only during Normal conversions. If during a test channel conversion, injection conversion
arrives, then the test channel is aborted (just as a normal functional channel) and injected
conversions are done. After injected conversions are completed, the test channel resumes
from the Step at which it was aborted.
For self testing, Mode bit should be programmed (at least one cycle) BEFORE setting
MCR.NSTART bit and should not be changed thereafter until conversion is ongoing.
1.3
ADC calibration data
To verify if the measured ADC BIST results are correct, the threshold registers are used. For
correct execution of self-test sequence it is necessary to compare if measured values are in
range of factory defined thresholds. This is done automatically by the hardware watchdog.
In case the ADC BIST results are out these boundaries a fault is triggered to the FCCU.
1.4
Reading from Test Flash
There are some factory settings stored during final test in the Test Flash (mostly calibration
information), which are needed by application software. The related data is:
a)
Temperature Sensor 1 Calibration Word 1...4
b)
Temperature Sensor 2 Calibration Word 1...4
c)
ADC 0 Calibration Word 1...8
d)
ADC 1 Calibration Word 1...8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com