Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4371 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 10Page - STMicroelectronics AN4371 Datasheet HTML 11Page - STMicroelectronics AN4371 Datasheet HTML 12Page - STMicroelectronics AN4371 Datasheet HTML 13Page - STMicroelectronics AN4371 Datasheet HTML 14Page - STMicroelectronics AN4371 Datasheet HTML 15Page - STMicroelectronics AN4371 Datasheet HTML 16Page - STMicroelectronics AN4371 Datasheet HTML 17Page - STMicroelectronics AN4371 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADC built-in self-test algorithms
AN4371
14/29
DocID025337 Rev 1
conversions are distant in term of time, there is a temporal non-correlation that makes the
result unreliable. With S algorithm S0 (step) is measured if the ADC internal bandgap
voltage (Vref) is proper. If yes, then it is feasible to measure the supply voltage. In case that
S1 measurement is delayed from the S0 measurement, then a reference voltage drop may
occur. Performing then S1 measurement, where are to be used S0 results, which was good
at the time when it were measured, but not correct for actual measurement. The problem
may be masked here. This is the reason why is ADC one-shot conversion mode not suitable
for algorithm S measurement.
In the ideal environment results must be same in both, one-shot and scan mode. Because
there is never any voltage drop in the ADC reference or supply due to ideal environment.
Figure 7. ADC self-test configuration – Algorithm S
On Figure 8 below is presented the basic self-test flow for algorithm S. The test channel is
started automatically after normal channel conversion as presented on Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com