Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4371 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 4Page - STMicroelectronics AN4371 Datasheet HTML 5Page - STMicroelectronics AN4371 Datasheet HTML 6Page - STMicroelectronics AN4371 Datasheet HTML 7Page - STMicroelectronics AN4371 Datasheet HTML 8Page - STMicroelectronics AN4371 Datasheet HTML 9Page - STMicroelectronics AN4371 Datasheet HTML 10Page - STMicroelectronics AN4371 Datasheet HTML 11Page - STMicroelectronics AN4371 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADC built-in self-test
AN4371
8/29
DocID025337 Rev 1
1.4.1
Flash content
Flash memory Test sector contains calibration and other chip-specific data. This information
is summarized in Table 1 below.
Table 1. Test Flash Content
Address
Word name
Function
0x0000
TSENS_0_CAL W2/W4
TSENS_0 Calibration data W2 (P2/PTAT) and W4
(C2/CTAT) at cold temperature
0x0004
TSENS_1_CAL W2/W4
TSENS_1 Calibration data W2 (P2/PTAT) and W4
(C2/CTAT) at cold temperature
0x0008
TSENS_0_CAL W1/W3
TSENS_0 Calibration data W1 (P1/PTAT) and W3
(C1/CTAT) at hot temperature
0x000C
TSENS_1_CAL W1/W3
TSENS_1 Calibration data W1 (P1/PTAT) and W3
(C1/CTAT) at hot temperature
0x0010
ADC0_CAL W1
ADC0 Self-Test calibration - RC algo
0x0014
ADC0_CAL W2
ADC0 Self-Test calibration - C algo S0 step
0x0018
ADC0_CAL W3
ADC0 Self-Test calibration - C algo Sn step
0x001C
ADC0_CAL W4
ADC0 Self-Test calibration - S algo S0 step - 3.3 V
0x0020
ADC0_CAL W5
ADC0 Self-Test calibration - S algo S0 step - 5.0 V
0x0024
ADC0_CAL W6
ADC0 Self-Test calibration - S algo S1 step - integer
0x0028
ADC0_CAL W7
ADC0 Self-Test calibration - S algo S1 step - float
0x002C
ADC0_CAL W8
ADC0 Self-Test calibration - S algo S2 step
0x0030
ADC0 Reserved
ADC0 reserved
0x0034
ADC1_CAL W1
ADC1 Self-Test calibration - RC algo
0x0038
ADC1_CAL W2
ADC1 Self-Test calibration - C algo S0 step
0x003C
ADC1_CAL W3
ADC1 Self-Test calibration - C algo Sn step
0x0040
ADC1_CAL W4
ADC1 Self-Test calibration - S algo S0 step - 3.3 V
0x0044
ADC1_CAL W5
ADC1 Self-Test calibration - S algo S0 step - 5.0 V
0x0048
ADC1_CAL W6
ADC1 Self-Test calibration - S algo S1 step - integer
0x004C
ADC1_CAL W7
ADC1 Self-Test calibration - S algo S1 step - float
0x0050
ADC1_CAL W8
ADC1 Self-Test calibration - S algo S2 step
0x0054
ADC1 Reserved
ADC1 Reserved
Table 2. Typical values stored in Test sector of Flash memory
Word
Flash
location
offset
Value in flash
Loads to
STAWxR
Step
THRH
THRL
W1
10h
0xFE20F1E0
STAW3R
RC
0xE20h
0x1E0h
W2
14h
0xF856F732
STAW4R
C0
0x856h
0x732h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com