Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0873 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0873
Description  DIE2HR/D2HR manufacturing and quality specification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0873 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0873 Datasheet HTML 1Page - STMicroelectronics TN0873 Datasheet HTML 2Page - STMicroelectronics TN0873 Datasheet HTML 3Page - STMicroelectronics TN0873 Datasheet HTML 4Page - STMicroelectronics TN0873 Datasheet HTML 5Page - STMicroelectronics TN0873 Datasheet HTML 6Page - STMicroelectronics TN0873 Datasheet HTML 7Page - STMicroelectronics TN0873 Datasheet HTML 8Page - STMicroelectronics TN0873 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID022757 Rev 4
5/11
TN0873
Space-grade description
11
1.4.5
Visual test
All products must successfully pass the applicable ESCC space level visual test:
–
Discrete products: ESCC2045000
–
Integrated circuits: ESCC2049000
1.4.6
Conditioning & packing
Dice are packed in suitable antistatic waffle packs, vacuum sealed with adequate protection
in order to avoid contamination or mechanical stress during shipment and handling.
Each waffle pack contains dice from a single wafer.
The standard orientation of dice within each waffles depends on the product, as described
below. Contact ST for specific request:
•
CMOS4000B - HCMOS - MOSFET: all dice within any waffle have the same
orientation. Orientation may vary from one waffle to the other.
•
Diodes - bipolar transistors: the size of the dice doesn't allow to guarantee a single
orientation within a waffle.
Each waffle pack is marked as described below:
•
ST logo
•
Sales type reference
•
Wafer number
•
Diffusion lot number
•
Quantity of dice
•
ESD warning label identification.
1.5
Quality requirements
All documentation or traceability information corresponding to each ST space-grade dice is
retained for 10 years in a safe storage area.
Upon request, this traceability and documentation may be reviewed by the customer or a
copy provided, submitted to a lot charge defined by the ST sales area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com