Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1313 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 5Page - STMicroelectronics AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN1313 - APPLICATION NOTE
9/16
4 - MODIFIED REGISTERS
4.1 - PICON Register
Some bits have been added, and some suppressed in this register for the ST10F269.
The Port Input Control register PICON is used to select between TTL and CMOS-like input thresholds.
The CMOS-like input thresholds are defined above the TTL levels and feature a defined hysteresis to
prevent the inputs from toggling while the respective input signal level is near the thresholds.
In the ST10F168, these functionality is available for all pins of Port 2, Port 3, Port 7 and Port 8.
In the ST10F269, this functionality has been added for the pins of Port 4.
It is also used to select the Output driver characteristics of some pins of the ST10F168 but no longer on
the ST10F269 where the POCONx registers have been added for this purpose (see New Registers
section).
ST10F168: PICON (F1C4h / E2h)
ESFR
Reset Value: 0000h
ST10F269: PICON (F1C4h / E2h)
ESFR
Reset Value: 0000h
4.1.1 - Hardware Impacts
None.
4.1.2 - Software Impacts
The initialization of the PICON register is impacted. Moreover some other registers will have to be
configured.
The initialization of the output driver characteristic has to be done through the POCON registers and the
high byte of the PICON register is reserved on the ST10F269. Check that the ST10F168 software was
not writing in bit4 of PICON which is no longer reserved on the ST10F269.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P8LOUT P7LOUT
-
-
P3HOUT P3LOUT P2HOUT P2LOUT P8LIN P7LIN
-
-
P3HIN P3LIN P2HIN P2LIN
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
--------
P8LIN
P7LIN
-
P4LIN
P3HIN
P3LIN
P2HIN
P2LIN
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
PxLIN
0
1
Port x Low Byte Input Level Selection
Pins P2.7...P2.0 switch on standard TTL input levels
Pins P2.7...P2.0 switch on special threshold input levels
PxHIN
Port x High Byte Input Level Selection
P4LIN
Port 4 Input Level Selection
Added on
ST10F269
PxLOUT
0
1
Port x Low Byte Output Driver Characteristic Selection
Pins Px.7...0 output driver strength is reduced after reaching VOL or VOH
Pins Px.7...0 output drive is not reduced after reaching VOL or VOH
Only for ST10F168
PxHOUT
0
1
Port x High Byte Output Driver Characteristic Selection
Pins Px.15...8 output driver strength is reduced after reaching VOL or VOH
Pins Px.15...8 output drive is not reduced after reaching VOL or VOH
Only for ST10F168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com